Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64WV12816DBLL-12BA3 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS64WV12816DBLL-12BA3
Description  128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV12816DBLL-12BA3 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS64WV12816DBLL-12BA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. C
05/01/08
1
2
3
4
5
6
7
8
9
10
11
12
IS61WV12816DALL/DALS, IS61WV12816DBLL/DBLS,
IS64WV12816DBLL/DBLS
PIN DESCRIPTIONS
A0-A16
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
LB
Lower-byte Control (I/O0-I/O7)
UB
Upper-byte Control (I/O8-I/O15)
NC
No Connection
VDD
Power
GND
Ground
48-Pin mini BGA (B)
PIN CONFIGURATION
1
2
3
4
5
6
A
B
C
D
E
F
G
H
LB
OE
A0
A1
A2
NC
I/O8
UB
A3
A4
CE
I/O0
I/O9
I/O10
A5
A6
I/O1
I/O2
GND
I/O11
NC
A7
I/O3
VDD
VDD
I/O12
NC
A16
I/O4
GND
I/O14
I/O13
A14
A15
I/O5
I/O6
I/O15
NC
A12
A13
WE
I/O7
NC
A8
A9
A10
A11
NC


Similar Part No. - IS64WV12816DBLL-12BA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV12816DBLL/DBLS ISSI-IS64WV12816DBLL/DBLS Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV12816DBLL-12BA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com