Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64WV12816DBLL-12BA3 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS64WV12816DBLL-12BA3
Description  128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV12816DBLL-12BA3 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS64WV12816DBLL-12BA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV12816DBLL-12BA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. C
05/01/08
IS61WV12816DALL/DALS, IS61WV12816DBLL/DBLS,
IS64WV12816DBLL/DBLS
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to VDD + 0.5
V
VDD
VDD Relates to GND
–0.3 to 4.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
CI/O
Input/Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 3.3V.


Similar Part No. - IS64WV12816DBLL-12BA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV12816DBLL/DBLS ISSI-IS64WV12816DBLL/DBLS Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV12816DBLL-12BA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com