Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52500 Datasheet(PDF) 2 Page - Micropac Industries

Part # 52500
Description  HEATER, 18V, 9W, FACTORY SET TEMPERATURE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

52500 Datasheet(HTML) 2 Page - Micropac Industries

  52500 Datasheet HTML 1Page - Micropac Industries 52500 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
52500
HEATER, 18V, 9W, FACTORY SET TEMPERATURE
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
1 April 2009 Rev -
Pg. 2 of 2
Figure 1 Case Outline X (Shown With Lead Wires)
Table 3 Ordering Information
Part Number
Case Outline
Termination
52500-SP-TTT
X
Solder Pad
52500-LW-TTT
X
Lead Wires
Where TTT corresponds to 3 digit temperature set point (from 050 to 100°C).
SCREENING
All 52500 heaters receive the following MIL-STD-883 screening:
Precap internal visual Method 2017, Condition B
Temperature cycling, Method 1010, Condition B
Constant acceleration, Method 2001, Condition B, Y axis only
Fine and Gross leak test, Method 1014, Conditions A & C
External visual, Method 2009


Similar Part No. - 52500

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
5250 MALLORY-5250 Datasheet
131Kb / 4P
   ELECTRIC FUEL PUMP
logo
Pomona Electronics
5250 POMONA-5250 Datasheet
25Kb / 1P
   Chip Lead Spacing
logo
List of Unclassifed Man...
5250 ETC2-5250 Datasheet
142Kb / 2P
   BATTERY CONTACTS FOR MOLDED CASES
logo
3M Electronics
5250 3M-5250 Datasheet
25Kb / 1P
   Chip Lead Spacing
logo
Pomona Electronics
5250-8 POMONA-5250-8 Datasheet
21Kb / 1P
   SOIC Clip Test Clip Kit
More results

Similar Description - 52500

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
   Factory set trigger point: 15째
logo
Omega Engineering, Inc.
HTGG-1NI OMEGA-HTGG-1NI Datasheet
284Kb / 1P
   Glass Insulated High Temperature Heater Hook-Up Wire
logo
STEGO Elektrotechnik Gm...
CP061 STEGO-CP061 Datasheet
177Kb / 1P
   FLAT HEATER
19.08.2020
LP165 STEGO-LP165 Datasheet
583Kb / 1P
   ENCLOSURE HEATER
11.11.2022
LPS164 STEGO-LPS164 Datasheet
352Kb / 1P
   ENCLOSURE HEATER
11.11.2022
LTS064 STEGO-LTS064 Datasheet
484Kb / 1P
   ENCLOSURE HEATER
11.11.2022
logo
List of Unclassifed Man...
YB80-240 ETC-YB80-240 Datasheet
123Kb / 1P
   PTC Heater
logo
STEGO Elektrotechnik Gm...
HG140 STEGO-HG140 Datasheet
151Kb / 1P
   SEMICONDUCTOR HEATER
19.03.2019
LTF065 STEGO-LTF065 Datasheet
474Kb / 1P
   ENCLOSURE HEATER
11.11.2022
LT065 STEGO-LT065 Datasheet
503Kb / 1P
   ENCLOSURE HEATER
11.11.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com