Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1164-8
Description  Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1164-8_09 Datasheet HTML 1Page - Linear Technology LTC1164-8_09 Datasheet HTML 2Page - Linear Technology LTC1164-8_09 Datasheet HTML 3Page - Linear Technology LTC1164-8_09 Datasheet HTML 4Page - Linear Technology LTC1164-8_09 Datasheet HTML 5Page - Linear Technology LTC1164-8_09 Datasheet HTML 6Page - Linear Technology LTC1164-8_09 Datasheet HTML 7Page - Linear Technology LTC1164-8_09 Datasheet HTML 8Page - Linear Technology LTC1164-8_09 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1164-8
11648fb
ELECTRICAL CHARACTERISTICS (See Test Circuit)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Upper Stopband Attenuation
VS = ±2.375V
fIN = 1040Hz (Note 1)
– 48
– 52
dB
(Referenced to Gain at Center Frequency)
fIN = 1200Hz
– 50
– 52
– 58
dB
–48
– 60
dB
VS = ±5V
fIN = 1040Hz (Note 1)
– 48
– 52
dB
fIN = 1200Hz
– 52
dB
Maximum Output for < 0.25%
VS = ±2.5V
fIN = 1000Hz
1.0
VRMS
Total Harmonic Distortion
VS = ±5V
fIN = 1000Hz
2.5
VRMS
Output DC Offset
VS = ±2.5V (At the Output of External Op Amp)
– 40
±50
mV
VS = ±5V
– 50
±60
mV
Power Supply Current (Note 2)
VS = ±2.375V
2.3
4.0
mA
4.5
mA
VS = ±5V
3.2
7.0
mA
8.0
mA
VS = ±7.5V
4.5
11.0
mA
12.5
mA
Power Supply Range
±2.375
±8V
TA = 25°C, Center Frequency = fCLK/100, fCLK = 100kHz ( the clock signal is a TTL or CMOS square wave, clock rise or fall time ≤ 1μs),
the AC test signal level is 1VRMS for VS = ±5V or 0.5VRMS for VS = ±2.375V, unless otherwise specified.
The
denotes specifications which apply over the full operating
temperature range.
Note 1: The minimum stopband attenuation at 960Hz and 1040Hz is
guaranteed by design and test correlation.
Note 2: The maximum current over temperature is at 0
°C. At 70°C the
maximum current is less than its maximum value at 25
°C.
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
760
–30
–10
10
1240
LTC1164-8 • TPC01
–50
–70
–40
–20
0
–60
–80
–90
880
1000
1120
TA = 25°C
VS = ±5V
fCLK = 100kHz
Gain vs Frequency
Passband Gain and Phase
vs Frequency
Passband Variations
vs Power Supply
FREQUENCY (Hz)
990
–6
–3
0
1005
LTC1164-8 • TPC02
–9
–12
995
1000
1010
–15
–18
3
fCLK = 100kHz
GAIN = 1
RIN = 340k
RF = 61.9k
VS = ±2.5V
VS = ±7.5V
VS = ±5V
FREQUENCY (Hz)
984
–6
0
6
1016
LTC1164-8 • TPC03
–12
–18
–9
–3
3
–15
–21
–24
–60
60
180
120
–180
–300
–120
0
–240
–360
–420
992
1000
1008
TA = 25°C
VS = ±5V
fCLK = 100kHz


Similar Part No. - LTC1164-8_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-8CN LINER-LTC1164-8CN Datasheet
279Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8CSW LINER-LTC1164-8CSW Datasheet
279Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8 LINER-LTC1164-8_15 Datasheet
366Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
More results

Similar Description - LTC1164-8_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-8 LINER-LTC1164-8 Datasheet
279Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8 LINER-LTC1164-8_15 Datasheet
366Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com