Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3991IMSETRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT3991IMSETRPBF
Description  55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3991IMSETRPBF Datasheet(HTML) 2 Page - Linear Technology

  LT3991IMSETRPBF Datasheet HTML 1Page - Linear Technology LT3991IMSETRPBF Datasheet HTML 2Page - Linear Technology LT3991IMSETRPBF Datasheet HTML 3Page - Linear Technology LT3991IMSETRPBF Datasheet HTML 4Page - Linear Technology LT3991IMSETRPBF Datasheet HTML 5Page - Linear Technology LT3991IMSETRPBF Datasheet HTML 6Page - Linear Technology LT3991IMSETRPBF Datasheet HTML 7Page - Linear Technology LT3991IMSETRPBF Datasheet HTML 8Page - Linear Technology LT3991IMSETRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3991
2
3991f
ABSOLUTE MAXIMUM RATINGS
VIN, EN Voltage .........................................................55V
BOOST Pin Voltage ...................................................75V
BOOST Pin Above SW Pin.........................................30V
FB, RT, SYNC, SS Voltage ...........................................6V
PG, BD Voltage .........................................................30V
Boost Diode Current....................................................1A
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
11
GND
9
6
7
8
4
5
3
2
1
SYNC
PG
RT
SS
FB
BD
BOOST
SW
VIN
EN
θJA = 45°C, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
BD
BOOST
SW
VIN
EN
10
9
8
7
6
11
GND
SYNC
PG
RT
SS
FB
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
θJA = 45°C, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3991EDD#PBF
LT3991EDD#TRPBF
LFJR
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3991IDD#PBF
LT3991IDD#TRPBF
LFJR
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3991EMSE#PBF
LT3991EMSE#TRPBF
LTFJS
10-Lead Plastic MSOP
–40°C to 125°C
LT3991IMSE#PBF
LT3991IMSE#TRPBF
LTFJS
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range (Note 2)
LT3991E............................................. –40°C to 125°C
LT3991I.............................................. –40°C to 125°C
Storage Temperature Range .............. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(MSE Only) ....................................................... 300°C


Similar Part No. - LT3991IMSETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991 LINER-LT3991 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3991 LINER-LT3991 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3991 LINER-LT3991 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3991 LINER-LT3991 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3991 LINER-LT3991 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
More results

Similar Description - LT3991IMSETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991 LINER-LT3991_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991-5 LINER-LT3991-5_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
LT3971-3.3 LINER-LT3971-3.3_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-5 LINER-LT3971-5_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971 LINER-LT3971_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com