Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8365 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 56F8365
Description  16-bit Digital Signal Controllers
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8365 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 56F8365_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8365_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8365_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8365_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8365_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8365_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8365_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8365_09 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8365_09 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 180 page
background image
Architecture Block Diagram
56F8365 Technical Data, Rev. 8
Freescale Semiconductor
11
Preliminary
Figure 1-1 System Bus Interfaces
Note:
Flash memories are encapsulated within the Flash Memory (FM) Module. Flash control is
accomplished by the I/O to the FM over the peripheral bus, while reads and writes are completed
between the core and the Flash memories.
Note:
The primary data RAM port is 32 bits wide. Other data ports are 16 bits.
56800E
Program
Flash
Program
RAM
Data RAM
EMI*
IPBus
Bridge
Boot
Flash
Flash
Memory
Module
* EMI not functional in this package; since only part of
the address/data bus is bonded out, use as GPIO pins
JTAG / EOnCE
5
CHIP
TAP
Controller
TAP
Linking
Module
External
JTAG
Port
pdb_m[15:0]
pab[20:0]
cdbw[31:0]
xab1[23:0]
xab2[23:0]
cdbr_m[31:0]
xdb2_m[15:0]
11
4
6
To Flash
Control Logic
IPBus
Address
Data
Control
Data
Flash
NOT available on the 56F8165 device.


Similar Part No. - 56F8365_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8365 FREESCALE-56F8365_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8365_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com