Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8165 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 56F8165
Description  16-bit Digital Signal Controllers
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8165 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8165 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 180 page
background image
56F8365 Technical Data, Rev. 8
2
Freescale Semiconductor
Preliminary
Document Revision History
Version History
Description of Change
Rev 0
Pre-release, Alpha customers only
Rev 1.0
Initial Public Release
Rev 2.0
Added output voltage maximum value and note to clarify in Table 10-1; also removed overall life
expectancy note, since life expectancy is dependent on customer usage and must be
determined by reliability engineering. Clarified value and unit measure for Maximum allowed PD
in Table 10-3. Corrected note about average value for Flash Data Retention in Table 10-4.
Added new RoHS-compliant orderable part numbers in Table 13-1.
Rev 3.0
Corrected Data Flash on page 5
Rev 4.0
Deleted RSTO from Pin Group 2 (listed after Table 10-1). Deleted formula for Max Ambient
Operating Temperature (Automotive) and Max Ambient Operating Temperature (Industrial) in
Table 10-4. Added RoHS-compliance and “pb-free” language to back cover.
Rev 5.0
Added information/corrected state during reset in Table 2-2. Clarified external reference crystal
frequency for PLL in Table 10-14 by increasing maximum value to 8.4MHz.
Rev 6.0
Replaced “Tri-stated” with an explanation in State During Reset column in Table 2-2.
Rev. 7
• Added the following note to the description of the TMS signal in Table 2-2:
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
• Added the following note to the description of the TRST signal in Table 2-2:
Note:
For normal operation, connect TRST directly to VSS. If the design is to be used in a debugging
environment, TRST may be tied to VSS through a 1K resistor.
Rev. 8
• Remove pullup comment from PWM pins in Table 2-2.
•Add Figure 10-1 showing current voltage characteristics.
•In Table 10-23, correct interpretation of Calibration Factors to be viewed as worst case
factors.
•Add to Table 10-23 the DC drift of ADC over temperature.
Please see http://www.freescale.com for the most current data sheet revision.


Similar Part No. - 56F8165

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8165 FREESCALE-56F8165 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8165

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com