Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4001 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # 1N4001
Description  GENERAL PURPOSE SILICON RECTIFIER VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

1N4001 Datasheet(HTML) 2 Page - Mospec Semiconductor

  1N4001 Datasheet HTML 1Page - Mospec Semiconductor 1N4001 Datasheet HTML 2Page - Mospec Semiconductor 1N4001 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4001 thru 1N4007
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
FIG-3 TYPICAL REVERSE CHARACTERISTICS
FIG-4 TYPICAL JUNCTION CAPACITANCE
PERCENT OF RATED REVERSE VOLTAGE (﹪)
REVERSE VOLTAGE (Volts)
TC=125
oC
TC=25
oC
FIG-5 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz


Similar Part No. - 1N4001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Similar Description - 1N4001

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
1N4001 SILAN-1N4001 Datasheet
167Kb / 3P
   GENERAL PURPOSE SILICON RECTIFIER VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere
logo
Rectron Semiconductor
RL1N4001 RECTRON-RL1N4001 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RL151 RECTRON-RL151 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
logo
Chenmko Enterprise Co. ...
1N4001PT CHENMKO-1N4001PT Datasheet
77Kb / 2P
   SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
List of Unclassifed Man...
1N4001PT ETC1-1N4001PT Datasheet
71Kb / 2P
   SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
WILLAS ELECTRONIC CORP
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RS401M WILLAS-RS401M Datasheet
408Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Yea Shin Technology Co....
KBPC35005 YEASHIN-KBPC35005 Datasheet
428Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
SA1 RECTRON-SA1 Datasheet
314Kb / 4P
   SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com