Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUL2025 Datasheet(PDF) 1 Page - MMD Components

Part # MMUL2025
Description  5 x 3.2 Custom Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MMUL2025 Datasheet(HTML) 1 Page - MMD Components

  MMUL2025 Datasheet HTML 1Page - MMD Components MMUL2025 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMUL Series – 5 x 3.2 Custom Oscillator
5 X 3.2 SMT Package – 6 Pins
LVPECL Output
Tri-state Function
RoHS Compliant
Tape and Reel Packing Available
ELECTRICAL SPECIFICATION:
Frequency Range
74.250MHZ to 161.1328MHZ
Temperature Stability (Inclusive of Temperature, Load,
Voltage, and Aging)
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Supply Voltage (Vdd) ±5%
+2.50 VDC
Supply Current
75mA max
Output
LVPECL
Logic “0”
1.43 VDC typ, 1.60 VDC max
Logic “1”
1.10 VDC typ, 0.90 VDC min
Load
50Ω into Vdd-2.0VDC
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Rise/Fall Time (20% to 80%)
300p Sec typ, 700pSec max
RMS Phase Jitter (12kHZ to 20MHZ)
1pSec max
Phase Noise
100 Hz -95 dBc/Hz
1 kHz -125 dBc/Hz
10 kHz -143 dBc/Hz
100 kHz -146 dBc/Hz
Start-up Time
10mSec max
Tri-state Operation
Voh = 70% of Vdd min or No Connection to Enable Output
Vol = 30% max or grounded to Disable Output (High Impedance)
PART NUMBER GUIDE:
5 x 3.2 Ceramic SMD 6 Pads
MMU
Frequency
Please Consult with MMD Sales Department for any other Parameters or Options
L
Supply Voltage
2 = +2.50 VDC
3 = +3.30 VDC
Frequency
Stability
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40%/60%
A = 45%/55%
Pin 1 Connection
Blank = No Connection
H = Tri-state
Packaging
Blank = Bulk
T = Tape and Reel
Output
L=LVPECL
MECHANICAL DIMENSIONS:
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
In the event of conflict, the requirements of this specification shall govern.
Revision:
MMUL092209A
Revisions only with customer approval
Page 1 of 2
Release: AWV
Date:
09/30/09


Similar Part No. - MMUL2025

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU-0102 VISHAY-MMU-0102 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU-0102 VISHAY-MMU-0102 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
logo
Vishay Siliconix
MMU-0102-HF VISHAY-MMU-0102-HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
MMU-0102-VG03 VISHAY-MMU-0102-VG03 Datasheet
183Kb / 8P
   MELF Resistors with Established Reliability
Revision: 21-May-12
More results

Similar Description - MMUL2025

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTH MMD-MTH Datasheet
78Kb / 1P
   5 x 3.2 Ceramic SMD Oscillator
MTH MMD-MTH_12 Datasheet
107Kb / 2P
   MTH Series 5 x 3.2 Ceramic SMD Oscillator
logo
Transko Electronics, In...
THS32 TRANSKO-THS32 Datasheet
418Kb / 1P
   OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 4: Jul. 2015
logo
MTRONPTI
M2060 MTRONPTI-M2060 Datasheet
603Kb / 7P
   3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
logo
EUROQUARTZ limited
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
   5 x 3.2 x 0.9mm SMD
MJ20 EUROQUARTZ-MJ20 Datasheet
235Kb / 1P
   5 x 3.2 x 1.0mm SMD
logo
MMD Components
MVUH MMD-MVUH_12 Datasheet
109Kb / 2P
   5 x 3.2 VCXO Specification
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 3.3V Oscillator
logo
MMD Components
MSH MMD-MSH Datasheet
57Kb / 1P
   3.2 X 2.5 Ceramic SMD Oscillator
logo
Fox Electronics
FXO-LC33 FOX-FXO-LC33 Datasheet
852Kb / 16P
   LVDS 3.2 x 2.5mm 3.3V Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com