Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1117GSCN252 Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM1117GSCN252
Description  1A LOW DROPOUT VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM1117GSCN252 Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM1117GSCN252 Datasheet HTML 1Page - Champion Microelectronic Corp. CM1117GSCN252 Datasheet HTML 2Page - Champion Microelectronic Corp. CM1117GSCN252 Datasheet HTML 3Page - Champion Microelectronic Corp. CM1117GSCN252 Datasheet HTML 4Page - Champion Microelectronic Corp. CM1117GSCN252 Datasheet HTML 5Page - Champion Microelectronic Corp. CM1117GSCN252 Datasheet HTML 6Page - Champion Microelectronic Corp. CM1117GSCN252 Datasheet HTML 7Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CM1117
1A LOW DROPOUT VOLTAGE REGULATOR
2007/05/02 Rev1.9
Champion Microelectronic Corporation
Page 3
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 10mA, and TJ = +25
℃; unless otherwise noted
Symbol
Parameter
Conditions
Min
(Note 2)
Typ
(Note 1)
Max
(Note 2)
Units
VREF
Reference Voltage
CM1117-ADJ
IOUT=10mA, VIN-VOUT=2V, TJ=25℃
10mA≤IOUT≤1A, 1.4V≤VIN-VOUT≤10V
1.238
1.250
1.262
V
CM1117 -1.8
IOUT=10mA, VIN=3.8V, TJ=25℃
0≤IOUT≤1A, 3.2V≤VIN-VOUT≤10V
1.764
1.8
1.836
V
CM1117 -2.5
IOUT=10mA, VIN=4.5V, TJ=25℃
0≤IOUT≤1A, 3.9V≤VIN-VOUT≤10V
2.45
2.500
2.55
V
VOUT
Output Voltage
CM1117 -3.3
IOUT=10mA, VIN=5V, TJ=25℃
0≤IOUT≤1A, 4.75V≤VIN-VOUT≤10V
3.234
3.300
3.366
V
CM1117 -ADJ
IOUT=10mA, 1.5V≤VIN-VOUT≤13.75V
0.035
0.2
%
CM1117 -1.8
IOUT=0mA, 3.2V≤VIN≤10V
1
6
mV
CM1117 -2.5
IOUT=0mA, 3.9V≤VIN≤10V
1
6
mV
Δ
VOUT
Line Regulation
(Note 3)
CM1117 -3.3
IOUT=0mA, 4.75V≤VIN≤10V
1
6
mV
CM1117 -ADJ
VIN-VOUT=3V, 10mA≤IOUT≤1A
0.2
0.4
%
CM1117 -1.8
VIN=3.2V, 0≤IOUT≤1A
1
10
mV
CM1117 -2.5
VIN=3.9V, 0≤IOUT≤1A
1
10
mV
Δ
VOUT
Load Regulation
(Note 3)
CM1117 -3.3
VIN =4.75V, 0≤IOUT≤1A
1
10
mV
IOUT =100mA
1.10
1.20
V
IOUT =500mA
1.15
1.25
V
VIN-VOUT
Dropout Voltage
(Note 4)
IOUT =1A (TO-252)
1.20
1.30
V
ILIMIT
Current Limit
VIN-VOUT=5V, TJ=25℃
1000
1200
1500
mA
Minimum Load
Current (Note 5)
CM1117 -ADJ
VIN=15V
1.7
5
mA
CM1117 -1.8, VIN≤15V
5
10
mA
CM1117 -2.5, VIN≤15V
5
10
mA
Quiescent Current
CM1117 -3.3, VIN≤15V
5
10
mA
Thermal Regulation
TA=25℃, 30ms Pulse
0.01
0.1
%/W
Ripple Regulation
fRIPPLE=120Hz, VIN-VOUT=3V
VRIPPLE=1VPP
60
75
dB
Adjust Pin Current
60
120
μ
A
Adjust Pin Current
Change
10mA≤IOUT≤1A
1.4V≤VIN-VOUT≤10V
0.2
5
μ
A
Temperature Stability
0.5
%
Long Term Stability
TA=125℃, 1000Hrs
0.3
%
RMS Output Noise
(% of VOUT), 10Hz≤f≤10kHz
0.003
%
Thermal Resistance
Junction-to-Case
3-Lead SOT-223
3-Lead TO-252
15.0
3.0
10
℃/W
℃/W
℃/W
Thermal Resistance
Junction-to-Ambient
(No heat sink;
No air flow)
3-Lead SOT-223
3-Lead TO-252 (Note 6)
136
79
92
℃/W
℃/W
℃/W


Similar Part No. - CM1117GSCN252

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM1117GSCN52 CHAMP-CM1117GSCN52 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1117GSCN252

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com