Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2836 Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM2836
Description  300mA LOW ESR CMOS LDO WITH ENABLE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2836 Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM2836 Datasheet HTML 1Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CM2836/B/C
300mA LOW ESR CMOS LDO WITH ENABLE
2009/07/17 Rev1.3
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
Example:
Part Number
Output Voltage
Temperature Range
Package
CM2836/BGSIM23*
3.3V
-40℃ ~ +85℃
SOT-23-3
CM2836/BXSIM23*
3.3V
-40℃ ~ +85℃
SOT-23-3
CM2836GSIM25*
3.3V
-40℃ ~ +85℃
SOT-23-5
CM2836XSIM25*
3.3V
-40℃ ~ +85℃
SOT-23-5
CM2836GSIM89*
3.3V
-40℃ ~ +85℃
SOT-89
CM2836XSIM89*
3.3V
-40℃ ~ +85℃
SOT-89
CM2836/B/CGSIM75*
3.3V
-40℃ ~ +85℃
SC70-5
CM2836/B/CXSIM75*
3.3V
-40℃ ~ +85℃
SC70-5
Note: For other pre-set output voltage requirements, please contact Champion Sales office.
Please refer to page 10
*G : Suffix for PB Free Product
*X : Suffix for Halogen Free and PB Free Product
ABSOLUTE MAXIMUM RATINGS
OPERATING RATINGS
Input Voltage …………….……..…………………………. +7V
Output Current …………………….……
PD / (VIN - Vo) mA
Output Voltage ………………….…… GND-0.3V to VIN+0.3V
ESD Classification …………………………………………… B
Ambient Temperature Range (TA) …..…..... -40℃ to +85℃
Junction Temperature Range ……...…... -40℃ to +150℃
THERMAL INFORMATION
Parameter
Package
Maximum
Unit
Thermal Resistance (Θjc)
SOT-23
SOT-23-5
160
/W
Thermal Resistance (Θjc)
SOT-89
100
/W
Thermal Resistance (Θjc)
SC70-5
250
/W
SOT-23
SOT-23-5
250
mW
SOT-89
400
mW
Internal Power Dissipation (PD)
(ΔT = 100℃)
SC70-5
200
mW
Maximum Junction Temperature
150
Maximum Lead Temperature (10 Sec)
300
Caution: Stress above the listed absolute rating may cause permanent damage to the device.


Similar Part No. - CM2836

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836B CHAMP-CM2836B Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836BGSIM23 CHAMP-CM2836BGSIM23 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836BGSIM25 CHAMP-CM2836BGSIM25 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836BGSIM75 CHAMP-CM2836BGSIM75 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results

Similar Description - CM2836

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com