Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2838SIM25 Datasheet(PDF) 8 Page - Champion Microelectronic Corp.

Part # CM2838SIM25
Description  300mA LOW ESR CMOS LDO WITH ENABLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2838SIM25 Datasheet(HTML) 8 Page - Champion Microelectronic Corp.

Back Button CM2838SIM25 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2838SIM25 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2838SIM25 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2838SIM25 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2838SIM25 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2838SIM25 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2838SIM25 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2838SIM25 Datasheet HTML 9Page - Champion Microelectronic Corp. CM2838SIM25 Datasheet HTML 10Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CM2838
300mA LOW ESR CMOS LDO WITH ENABLE
PACKAGE DIMENSION
SOT-23-5 (M25)
E1
L
c1
D
E
A
A2
A1
b
b1
c
θ
θ2
θ1
e1
e
L1
D
e
e1
b
θ2
θ1
b1
b
Base Metal
With Plating
Section B-B
See Section B-B
L1
L
12
3
5
4
2006/10/11 Rev. 1.3
Champion Microelectronic Corporation
Page 8


Similar Part No. - CM2838SIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results

Similar Description - CM2838SIM25

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836_09 Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com