Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2836BXSIM23 Datasheet(PDF) 10 Page - Champion Microelectronic Corp.

Part # CM2836BXSIM23
Description  300mA LOW ESR CMOS LDO WITH ENABLE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2836BXSIM23 Datasheet(HTML) 10 Page - Champion Microelectronic Corp.

Back Button CM2836BXSIM23 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2836BXSIM23 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2836BXSIM23 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2836BXSIM23 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2836BXSIM23 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2836BXSIM23 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2836BXSIM23 Datasheet HTML 9Page - Champion Microelectronic Corp. CM2836BXSIM23 Datasheet HTML 10Page - Champion Microelectronic Corp. CM2836BXSIM23 Datasheet HTML 11Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CM2836/B/C
300mA LOW ESR CMOS LDO WITH ENABLE
2009/07/17 Rev1.3
Champion Microelectronic Corporation
Page 10
NUMBERING SCHEME
Ordering Number
: CM2836/B/Cxyz (note1)
Ordering Number
: CM2836/B/CG(X)xyz (note2)
note1
:
CM2836/B/C: 300mA CMOS LDO with enable
x : Suffix for voltage output (note 3)
y : Suffix for Temperature Range (note 4)
z : Suffix for Package Type (note 5)
note2
:
CM2836/B/C: 300mA CMOS LDO with enable
G : Suffix for Pb Free Product
X : Suffix for Halogen Free and PB Free Product
note 3
: see CMOS LDO Voltage Suffix Table
CMOS LDO Voltage Suffix Table
Output Voltage
Suffix
Output Voltage
Suffix
1.2V
AC
2.5V
K
1.5V
A
2.6V
L
1.7V
C
2.7V
M
1.8V
D
2.8V
N
2.0V
F
3.0V
P
2.1V
G
3.1V
Q
2.2V
H
3.3V
S
2.3V
I
3.6V
V
note 4
:
y= I : -40~+85(only I grade support for all CMOS LDOs)
note 5:
Z is single alphabet with or without digits
M25 : SOT-23-5 (TR only)
M23 : SOT-23 (TR only)
M89 : SOT-89 (TR only)
SC70-5 (TR only)


Similar Part No. - CM2836BXSIM23

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2836B CHAMP-CM2836B Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836BGSIM23 CHAMP-CM2836BGSIM23 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836BGSIM25 CHAMP-CM2836BGSIM25 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836BGSIM75 CHAMP-CM2836BGSIM75 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836BGSIM89 CHAMP-CM2836BGSIM89 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results

Similar Description - CM2836BXSIM23

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com