Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2830AGEIM89 Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM2830AGEIM89
Description  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2830AGEIM89 Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM2830AGEIM89 Datasheet HTML 1Page - Champion Microelectronic Corp. CM2830AGEIM89 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2830AGEIM89 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2830AGEIM89 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2830AGEIM89 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2830AGEIM89 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2830AGEIM89 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2830AGEIM89 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2830AGEIM89 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CM2830/CM2830A
300mA CMOS LDO
2004/04/30 Rev. 1.6
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
CM2830
Part Number
Output Voltage
Temperature Range
Package
CM2830AIN92
1.5V
-40℃ ~ +85℃
TO-92
CM2830AIM23
1.5V
-40℃ ~ +85℃
SOT-23-3
CM2830AIM25
1.5V
-40℃ ~ +85℃
SOT-23-5
CM2830AIM89
1.5V
-40℃ ~ +85℃
SOT-89
CM2830DIN92
1.8V
-40℃ ~ +85℃
TO-92
CM2830DIM23
1.8V
-40℃ ~ +85℃
SOT-23-3
CM2830DIM25
1.8V
-40℃ ~ +85℃
SOT-23-5
CM2830DIM89
1.8V
-40℃ ~ +85℃
SOT-89
CM2830EIN92
1.9V
-40℃ ~ +85℃
TO-92
CM2830EIM23
1.9V
-40℃ ~ +85℃
SOT-23-3
CM2830EIM25
1.9V
-40℃ ~ +85℃
SOT-23-5
CM2830EIM89
1.9V
-40℃ ~ +85℃
SOT-89
CM2830FIN92
2.0V
-40℃ ~ +85℃
TO-92
CM2830FIM23
2.0V
-40℃ ~ +85℃
SOT-23-3
CM2830FIM25
2.0V
-40℃ ~ +85℃
SOT-23-5
CM2830FIM89
2.0V
-40℃ ~ +85℃
SOT-89
CM2830HIN92
2.2V
-40℃ ~ +85℃
TO-92
CM2830HIM23
2.2V
-40℃ ~ +85℃
SOT-23-3
CM2830HIM25
2.2V
-40℃ ~ +85℃
SOT-23-5
CM2830HIM89
2.2V
-40℃ ~ +85℃
SOT-89
CM2830KIN92
2.5V
-40℃ ~ +85℃
TO-92
CM2830KIM23
2.5V
-40℃ ~ +85℃
SOT-23-3
CM2830KIM25
2.5V
-40℃ ~ +85℃
SOT-23-5
CM2830KIM89
2.5V
-40℃ ~ +85℃
SOT-89
CM2830MIN92
2.7V
-40℃ ~ +85℃
TO-92
CM2830MIM23
2.7V
-40℃ ~ +85℃
SOT-23-3
CM2830MIM25
2.7V
-40℃ ~ +85℃
SOT-23-5
CM2830MIM89
2.7V
-40℃ ~ +85℃
SOT-89
CM2830NIN92
2.8V
-40℃ ~ +85℃
TO-92
CM2830NIM23
2.8V
-40℃ ~ +85℃
SOT-23-3
CM2830NIM25
2.8V
-40℃ ~ +85℃
SOT-23-5
CM2830NIM89
2.8V
-40℃ ~ +85℃
SOT-89
CM2830OIN92
2.9V
-40℃ ~ +85℃
TO-92
CM2830OIM23
2.9V
-40℃ ~ +85℃
SOT-23-3
CM2830OIM25
2.9V
-40℃ ~ +85℃
SOT-23-5
CM2830OIM89
2.9V
-40℃ ~ +85℃
SOT-89
CM2830PIN92
3.0V
-40℃ ~ +85℃
TO-92
CM2830PIM23
3.0V
-40℃ ~ +85℃
SOT-23-3
CM2830PIM25
3.0V
-40℃ ~ +85℃
SOT-23-5
CM2830PIM89
3.0V
-40℃ ~ +85℃
SOT-89


Similar Part No. - CM2830AGEIM89

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2830AGEIM89 ETC2-CM2830AGEIM89 Datasheet
390Kb / 16P
   300mA CMOS LDO
More results

Similar Description - CM2830AGEIM89

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com