Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPQ-100 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PPQ-100
Description  100W Quad Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PPQ-100 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PPQ-100 Datasheet HTML 1Page - RSG Electronic Components GmbH PPQ-100 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
File Name:PPQ-100-SPEC 2006-02-14
SPECIFICATION
PPQ-100B
PPQ-100C
PPQ-100D
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
OUTPUT
VOLTAGE ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER LOAD
AC CURRENT (Typ.)
5V
12V
CH2
-12V
CH3
-5V
CH4
5V
CH1
15V
CH2
-15V
CH3
-5V
CH4
5V
CH1
24V
CH2
12V
CH3
-12V
CH4
10A
3.4A
0.6A
0.6A
10A
2.6A
0.6A
0.6A
8A
2A
0.6A
0.6A
2~15A
0.3~4A
0~1A
0~1A
2~15A
0.3~4A
0~1A
0~1A
2~10A
0.3~4A
0~1A
0~1A
101W
101W
102.4W
100mVp-p 150mVp-p 100mVp-p 100mVp-p 100mVp-p 150mVp-p 100mVp-p 100mVp-p 100mVp-p 200mVp-p 100mVp-p 100mVp-p
CH1:4.75 ~ 5.5V
3.0%
8.0%
3.0%
+10,-6%
3.0%
8.0%
1.0%
1.0%
2.0%
2.0%
2.0%
6.0%
2.0%
6.0%
2.0%
2.0%
2.0%
2.0%
2.0%
6.0%
2.0%
2.0%
5.0%
5.0%
1.0%
1.0%
2.0%
2.0%
5.0%
5.0%
1.0%
2.0%
2.0%
5.0%
1.0%
5.0%
800ms, 50ms/230VAC
1200ms, 50ms/115VAC at full load
24ms/230VAC
24ms/115VAC at full load
90 ~ 264VAC
127 ~370VDC
47~63Hz
75%
76%
78%
1.65A/115VAC
0.85A/230VAC
COLD START 30A
<3.5mA /240VAC
105% ~ 135% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
-10 ~ +60
(Refer to output load derating curve)
20 ~ 90% RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, Period for 60min.each along X, Y, Z axes
162.5K hrs min.
MIL-HDBK-217F (25
)
177.8*107.95*38mm (L*W*H)
0.62Kg; 24pcs/15.9Kg/1.34CUFT
CH1: 5.75 ~ 6.75V
OVER VOLTAGE
SAFETY STANDARDS
HARMONIC CURRENT
EMS IMMUNITY
UL60950-1, TUV EN60950-1 Approved
Compliance to EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to
Light industry level, criteria A
EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024,
Features :
PPQ-100 series
ENVIRONMENT
SAFETY &
EMC
(Note 4)
PROTECTION
EMI CONDUCTION & RADIATION
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-FG:1.5KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 70KHz(Optional)
3 years warranty
100W Quad Output with PFC Function
POWER FACTOR (Typ.)
PF>0.95/230VAC
PF>0.98/115VAC at full load
CH1
OUTPUT NUMBER
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PPQ-100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100 Datasheet
362Kb / 2P
   100W Quad Output with PFC Function
PPQ-100 MEANWELL-PPQ-100 Datasheet
365Kb / 2P
   100W Quad Output with PFC Function
PPQ-1003 MEANWELL-PPQ-1003 Datasheet
668Kb / 3P
   100W Quad Output with PFC Function
logo
Tumbler Technologies + ...
PPQ-1003 TRUMPOWER-PPQ-1003 Datasheet
50Kb / 1P
   Switching Power Supplies
logo
Mean Well Enterprises C...
PPQ-1003 MEANWELL-PPQ-1003 Datasheet
673Kb / 3P
   100W Quad Output with PFC Function
More results

Similar Description - PPQ-100

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-100 MEANWELL-QP-100 Datasheet
898Kb / 5P
   100W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-100 RSG-QP-100 Datasheet
232Kb / 5P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100_11 Datasheet
365Kb / 2P
   100W Quad Output with PFC Function
QP-100 MEANWELL-QP-100_10 Datasheet
944Kb / 5P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-100 ASTRODYNE-QP-100 Datasheet
425Kb / 3P
   100W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003D CUI-VPPQ-1003D Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-1003 MEANWELL-PPQ-1003_11 Datasheet
673Kb / 3P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
PPQ1003 ASTRODYNE-PPQ1003 Datasheet
355Kb / 4P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100 Datasheet
362Kb / 2P
   100W Quad Output with PFC Function
PPQ-1003 MEANWELL-PPQ-1003 Datasheet
668Kb / 3P
   100W Quad Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com