Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2830AGKIN92 Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM2830AGKIN92
Description  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2830AGKIN92 Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM2830AGKIN92 Datasheet HTML 1Page - Champion Microelectronic Corp. CM2830AGKIN92 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2830AGKIN92 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2830AGKIN92 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2830AGKIN92 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2830AGKIN92 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2830AGKIN92 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2830AGKIN92 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2830AGKIN92 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CM2830/CM2830A
300mA CMOS LDO
2004/04/30 Rev. 1.6
Champion Microelectronic Corporation
Page 4
ORDERING INFORMATION (CONTINUED)
Part Number
Output Voltage
Temperature Range
Package
CM2830SIN92
3.3V
-40℃ ~ +85℃
TO-92
CM2830SIM23
3.3V
-40℃ ~ +85℃
SOT-23-3
CM2830SIM25
3.3V
-40℃ ~ +85℃
SOT-23-5
CM2830SIM89
3.3V
-40℃ ~ +85℃
SOT-89
CM2830UIN92
3.5V
-40℃ ~ +85℃
TO-92
CM2830UIM23
3.5V
-40℃ ~ +85℃
SOT-23-3
CM2830UIM25
3.5V
-40℃ ~ +85℃
SOT-23-5
CM2830UIM89
3.5V
-40℃ ~ +85℃
SOT-89
CM2830VIN92
3.6V
-40℃ ~ +85℃
TO-92
CM2830VIM23
3.6V
-40℃ ~ +85℃
SOT-23-3
CM2830VIM25
3.6V
-40℃ ~ +85℃
SOT-23-5
CM2830VIM89
3.6V
-40℃ ~ +85℃
SOT-89
CM2830XIN92
3.8V
-40℃ ~ +85℃
TO-92
CM2830XIM23
3.8V
-40℃ ~ +85℃
SOT-23-3
CM2830XIM25
3.8V
-40℃ ~ +85℃
SOT-23-5
CM2830XIM89
3.8V
-40℃ ~ +85℃
SOT-89
CM2830GAIN92
1.5V
-40℃ ~ +85℃
TO-92
CM2830GAIM23
1.5V
-40℃ ~ +85℃
SOT-23-3
CM2830GAIM25
1.5V
-40℃ ~ +85℃
SOT-23-5
CM2830GAIM89
1.5V
-40℃ ~ +85℃
SOT-89
CM2830GDIN92
1.8V
-40℃ ~ +85℃
TO-92
CM2830GDIM23
1.8V
-40℃ ~ +85℃
SOT-23-3
CM2830GDIM25
1.8V
-40℃ ~ +85℃
SOT-23-5
CM2830GDIM89
1.8V
-40℃ ~ +85℃
SOT-89
CM2830GEIN92
1.9V
-40℃ ~ +85℃
TO-92
CM2830GEIM23
1.9V
-40℃ ~ +85℃
SOT-23-3
CM2830GEIM25
1.9V
-40℃ ~ +85℃
SOT-23-5
CM2830GEIM89
1.9V
-40℃ ~ +85℃
SOT-89
CM2830GFIN92
2.0V
-40℃ ~ +85℃
TO-92
CM2830GFIM23
2.0V
-40℃ ~ +85℃
SOT-23-3
CM2830GFIM25
2.0V
-40℃ ~ +85℃
SOT-23-5
CM2830GFIM89
2.0V
-40℃ ~ +85℃
SOT-89
CM2830GHIN92
2.2V
-40℃ ~ +85℃
TO-92
CM2830GHIM23
2.2V
-40℃ ~ +85℃
SOT-23-3
CM2830GHIM25
2.2V
-40℃ ~ +85℃
SOT-23-5
CM2830GHIM89
2.2V
-40℃ ~ +85℃
SOT-89
CM2830GKIN92
2.5V
-40℃ ~ +85℃
TO-92
CM2830GKIM23
2.5V
-40℃ ~ +85℃
SOT-23-3
CM2830GKIM25
2.5V
-40℃ ~ +85℃
SOT-23-5
CM2830GKIM89
2.5V
-40℃ ~ +85℃
SOT-89
CM2830GMIN92
2.7V
-40℃ ~ +85℃
TO-92
CM2830GMIM23
2.7V
-40℃ ~ +85℃
SOT-23-3
CM2830GMIM25
2.7V
-40℃ ~ +85℃
SOT-23-5
CM2830GMIM89
2.7V
-40℃ ~ +85℃
SOT-89


Similar Part No. - CM2830AGKIN92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2830AGKIN92 ETC2-CM2830AGKIN92 Datasheet
390Kb / 16P
   300mA CMOS LDO
More results

Similar Description - CM2830AGKIN92

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com