Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOAH12S050F Datasheet(PDF) 1 Page - MMD Components

Part # MOAH12S050F
Description  Oven Controlled Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MOAH12S050F Datasheet(HTML) 1 Page - MMD Components

  MOAH12S050F Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision: MOAH040708D
MOAH and MOAZ Series / 1” Square, 5 Pin OCXO
Oven Controlled Oscillator
1.0 MHz to 150.0 MHz Available
SC Crystal Option
-40
°C to 85° Available
±10ppb to ±500ppb
PART NUMBERING GUIDE:
ELECTRICAL SPECIFICATIONS:
Frequency Range
1.0 MHz to 150.0MHz
Frequency Stability
±10ppb to ±500ppb
Operating Temperature
-40
°C to 85°C max*
* All stabilities not available, please consult MMD for availablity.
Storage Temperature
-40
°C to 95°C
Sinewave
±3dBM
50Ω
Output
HCMOS
10% Vdd max
90% Vdd min
30pF
Supply Voltage
(Vdd)
3.3V
5.0V
12.0V
typ
450mA
300mA
120mA
Supply
Current
max
850mA
500mA
250mA
Warm-up Time
4min. @ 25
°C
Vc Input Impedance
100K Ohms typical
Crystal
AT or SC Cut options
Phase Noise
SC
AT
Offset
10 MHZ
100 MHZ
10 MHZ
10 Hz
-105dBc
-90dBc
-91dBc
100 Hz
-125dBc
-120dBc
-120dBc
1000 Hz
-140dBc
-145dBc
-135dBc
10K Hz
-145dBc
-150dBc
-138dBc
Volt. Control 0 to
VCC
±3ppm typ.
±10ppm
typ.
MOA H 5 S 100 B
Frequency
Aging (after 30 days)
±0.1ppm/yr.
±1.0ppm/yr
MECHANICAL DETAILS:
CASE GROUND
PIN 2
PIN 1
PIN CONNECTIONS
OUTPUT
PIN 3
PIN 4
PIN 5
SUPPLY VOLTAGE
VOLTAGE CONTROL
N/C
26.16 [1.030]
MAX
26.16 [1.030]
MAX
13.46 [.530]
MAX
6.35 [.250]
0.65 [.025]
0.76 [.030]
9.53 [.375]
19.06 [.750]
9.53 [.375]
19.06 [.750]
6.35 [.250]
12.70 [.500]
5
43
2
1
STANDOFF
4 PLACES
MXX.XXX
SYYWWL
CCCCC
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
DEVICE SHALL BE MARKED PER MMD DRAWING DO-00336
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Operating Temperature
A = 0ºC to 50ºC
B = -10ºC to 60ºC
C = -20ºC to 70ºC
D = -30ºC to 70ºC
E = -30ºC to 80ºC
F = -40ºC to 85ºC
Supply
Voltage
3 = 3.3 Volt
5 = 5 Volt
12 = 12 Volt
Frequency Stability
010 = ±10ppb
050 = ±50ppb
100 = ±100ppb
500 = ±500ppb
Output Type
H = HCMOS
Z = Sinewave
Crystal Cut
Blank = AT Cut
S = SC Cut


Similar Part No. - MOAH12S050F

ManufacturerPart #DatasheetDescription
logo
MMD Components
MOAH MMD-MOAH Datasheet
108Kb / 2P
   MOAH & MOAZ Series ??1??Square, 5 Pin OCXO
MOAH3 MMD-MOAH3 Datasheet
108Kb / 2P
   Oven Controlled Oscillator
MOAH MMD-MOAH_12 Datasheet
108Kb / 2P
   MOAH & MOAZ Series ??1??Square, 5 Pin OCXO
More results

Similar Description - MOAH12S050F

ManufacturerPart #DatasheetDescription
logo
MMD Components
MOBH5 MMD-MOBH5 Datasheet
126Kb / 2P
   Oven Controlled Oscillator
MOCH15 MMD-MOCH15 Datasheet
111Kb / 2P
   Oven Controlled Oscillator
MOBH MMD-MOBH Datasheet
118Kb / 1P
   Oven Controlled Oscillator
MOAH3 MMD-MOAH3 Datasheet
108Kb / 2P
   Oven Controlled Oscillator
MODZ12 MMD-MODZ12 Datasheet
126Kb / 2P
   Oven Controlled Oscillator
MOFH12 MMD-MOFH12 Datasheet
122Kb / 2P
   Oven Controlled Oscillator
MODZ MMD-MODZ Datasheet
147Kb / 1P
   Oven Controlled Oscillator
MOEH MMD-MOEH Datasheet
127Kb / 1P
   Oven Controlled Oscillator
MOEH3 MMD-MOEH3 Datasheet
112Kb / 2P
   Oven Controlled Oscillator
MOCH MMD-MOCH Datasheet
130Kb / 1P
   Oven Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com