Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC000FN20 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC68HC000FN20
Description  Addendum to M68000 User Manual
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC000FN20 Datasheet(HTML) 2 Page - Motorola, Inc

  MC68HC000FN20 Datasheet HTML 1Page - Motorola, Inc MC68HC000FN20 Datasheet HTML 2Page - Motorola, Inc MC68HC000FN20 Datasheet HTML 3Page - Motorola, Inc MC68HC000FN20 Datasheet HTML 4Page - Motorola, Inc MC68HC000FN20 Datasheet HTML 5Page - Motorola, Inc MC68HC000FN20 Datasheet HTML 6Page - Motorola, Inc MC68HC000FN20 Datasheet HTML 7Page - Motorola, Inc MC68HC000FN20 Datasheet HTML 8Page - Motorola, Inc MC68HC000FN20 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
M68000 USER’S MANUAL ADDENDUM
MOTOROLA
The primary features of the MC68SEC000 embedded processor include the following:
• Direct Replacement for the MC68EC000
Pin-for-pin compatibility with the MC68EC000 in the plastic QFP and TQFP packages
Vast selection of existing third-party development tools for the MC68EC000 support the
MC68SEC000
Software written for the MC68EC000 will run unchanged on the MC68SEC000
• Power Management
Low-power HCMOS technology
Static design allows for stopping the processor clock
3.3V or 5V operation
Typical 0.5
µA current consumption at 3.3V in sleep mode
Software Strength
Fully upward object-code compatible with other M68000 Family products
M68000 architecture allows effective assembly code with a C compiler
• Upgrade
Fully upward code-compatible with higher performance 680x0 and 68300 Family members
ColdFire® code-compatible with minor modifications
1. MC68HC000
The primary benefit of the MC68HC000 is reduced power consumption. The device dissipates less power (by
an order of magnitude) than the NMOS MC68000.
The MC68HC000 is an implementation of the M68000 16/-32 bit microprocessor architecture. The
MC68HC000 has a 16-bit data bus implementation of the MC68000 and is upward code-compatible with the
MC68010 and the MC68020 32-bit implementation of the architecture.
1.1 MC68HC001
The MC68HC001 provides a functional extension to the MC68HC000 HCMOS 16-/32-bit microprocessor with
the addition of statically selectable 8- or 16-bit data bus operation. The MC68HC001 is object-code compatible
with the MC68HC000. You can migrate code written for the MC68HC001 without modification to any member
of the M68000 Family.
1.2 MC68EC000
The MC68EC000 is an economical high-performance embedded controller designed to suit the needs of the
cost-sensitive embedded-controller market. The HCMOS MC68EC000 has an internal 32-bit architecture that
is supported by a statically selectable 8- or 16-bit data bus. This architecture provides a fast and efficient
processing device that can satisfy the requirements of sophisticated applications based on high-level
languages.
The MC68EC000 is fully object-code compatible with the MC68000. You can migrate code written for the
MC68EC000 without modification to any member of the M68000 Family.
The MC68EC000 brings the performance level of the M68000 Family to cost levels previously associated with
8-bit microprocessors. The MC68EC000 benefits from the rich M68000 instruction set and its related high code
density with low memory bandwidth requirements.


Similar Part No. - MC68HC000FN20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC000 MOTOROLA-MC68HC000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
Freescale Semiconductor...
MC68HC000 FREESCALE-MC68HC000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
Freescale Semiconductor...
MC68HC000EI20 FREESCALE-MC68HC000EI20 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
More results

Similar Description - MC68HC000FN20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com