Electronic Components Datasheet Search |
|
QP-200 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH |
|
QP-200 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH |
3 / 4 page .. SPECIFICATION MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE Note.6 FREQUENCY RANGE POWERFACTOR (Typ.) EFFICIENCY (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT SAFETY STANDARDS HARMONICCURRENT EMSIMMUNITY WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVERVOLTAGE OVERTEMPERATURE ACCURRENT (Typ.) 800ms,50msatfullload 90~264VAC127~370VDC 47~63Hz 74% <2mA /240VAC 105~150% ratedoutputpower CH1:5.75~6.75VCH2:3.8~4.4V Protectiontype: Shutdowno/pvoltage,re-powerontorecover UL60950-1, TUVEN60950-1 Approved -10~+60 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes 160.6Khrsmin.MIL-HDBK-217F(25 ) 230*115*50mm(L*W*H) 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. 33.3% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power. 5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 6. Derating may be needed under low input voltages. Please check the derating curve for more details. CompliancetoEN55022(CISPR22)ClassB Complianceto EN61000-3-2,-3 Complianceto EN55024,Lightindustrylevel,criteria A EN61000-4-2,3,4,5,6,8,11;ENV50204, RIPPLE&NOISE(max.) Note.2 VOLTAGETOLERANCE Note.3 200WQuadOutputwithPFCFunction Features: Q P - 2 0 0 series ENVIRONMENT SAFETY & EMC (Note5) PROTECTION WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC EMICONDUCTION&RADIATION QP-200-3E 5V 3.3V CH2 24V CH3 -15V CH4 10A 15A 4A 0.7A 3~15A 0~20A 0.4~5A 0~1A 206W 100mVp-p 20A 20A 6A 1A CH1:4.75~5.5VCH2:3.14~3.63V 100mVp-p 150mVp-p 150mVp-p 3.0% 3.0% +10,-6% 6.0% 1.0% 1.0% 2.0% 1.0% 2.0% 2.0% 6.0% 2.0% Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown INPUT POWERGOOD/POWERFAIL(OPTIONAL) 10ms/1ms FUNCTION 95 5 (TSW1)DetectonheatsinkofQ1,Q2powertransistor Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved PEAKCURRENT Note.4 FileName:QP-200-SPEC2005-09-13 Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage/Over temperature Forced air cooling by built-in DC fan CH1,2 can be adjustable from -5~+10% With power good and fail signal output(Optional) Built-in remote sense function for CH1,2 100% full load burn-in test CH4 can set to positive after consult us before delivery Fixed switching frequency at PFC:67KHz PWM:134KHz(Optional) 3 years warranty 1.2Kg;12pcs/15.4Kg/0.92CUFT CH1 OUTPUTNUMBER 24msatfullload PF>0.95/230VACPF>0.98/115VACatfullload 3.5A/115VAC2A/230VAC COLDSTART 30A RSG ELECTRONIC COMPONENTS RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de Änderungen vorbehalten / subject to change without notice ■ |
Similar Part No. - QP-200 |
|
Similar Description - QP-200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |