Electronic Components Datasheet Search |
|
SP-320-24 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH |
|
SP-320-24 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH |
1 / 2 page Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage/Over temperature Forced air cooling by built-in DC Fan Built-in fan speed control Fixed switching frequency at 100KHz 3 years warranty SPECIFICATION SP-320-5 SP-320-3.3 SP-320-7.5 SP-320-12 SP-320-13.5 SP-320-15 SP-320-24 SP-320-27 SP-320-36 SP-320-48 MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER RIPPLE&NOISE(max.) Note.2 OUTPUT VOLTAGE ADJ.RANGE VOLTAGETOLERANCE Note.3 LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE Note.5 FREQUENCY RANGE POWERFACTOR (Typ.) EFFICIENCY (Typ.) INPUT ENVIRONMENT INRUSHCURRENT (Typ.) LEAKAGECURRENT OVERTEMPERATURE SAFETY STANDARDS HARMONICCURRENT EMICONDUCTION&RADIATION SAFETY & EMSIMMUNITY EMC (Note4) WITHSTANDVOLTAGE ISOLATIONRESISTANCE WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVERVOLTAGE PROTECTION 5V 3.3V 7.5V 12V 13.5V 15V 24V 27V 36V 48V 55A 55A 40A 25A 22A 20A 13A 11.7A 8.8A 6.7A 0~55A 0~60A 0~40A 0~25A 0~22A 0~20A 0~13A 0~11.7A 0~8.8A 0~6.7A 275W 181.5W 300W 300W 297W 300W 312W 315.9W 316.8W 321.6W 150mVp-p 150mVp-p 150mVp-p 150mVp-p 150mVp-p 150mVp-p 150mVp-p 200mVp-p 220mVp-p 240mVp-p 4.5~5.5V 3.14~3.63V 6~9V 10~13.2V 12~15V 13.5~18V 20~26.4V 26~31.5V 32.4~39.6V 41~56V 2.0% 1.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.3% 0.3% 0.3% 0.2% 0.2% 0.2% 0.2% 1.0% 1.5% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 800ms,50ms/230VAC2500ms,50ms/115VACatfullload 16ms/230VAC16ms/115VACatfullload 88~264VAC124~370VDC 47~63Hz PF>0.95/230VACPF>0.98/115VACatfullload 79% 5A 2.5A 74% 2.5A 1.5A 83% 9.4~10.9V 13.8~16.2V 15.5~18.2V 18~21V 27.6~32.4V 33.7~39.2V 57.6~67.2V 45~52.5V 86% 86% 86% 87% 88% 89% 87% 20A/115VAC40A/230VAC <1mA /240VAC 105~135%ratedoutputpower 5.75~6.75V 3.8~4.5V Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved Protectiontype:Shutdowno/pvoltage,re-powerontorecover 80 5 (70 5 3.3V,5Vonly)(TSW1:Detectonheatsinkofpowertransistor) Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown UL60950-1, TUVEN60950-1 Approved CompliancetoEN55022(CISPR22)ClassB Complianceto EN61000-3-2,-3 CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC -20~+65 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -40~+85 ,10~95%RH 0.03%/ (0~50 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes 207Khrsmin.MIL-HDBK-217F(25 ) 215*115*50mm(L*W*H) 1.1Kg;12pcs/14Kg/0.92CUFT FileName:SP-320-SPEC2006-08-22 Features : 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. Derating may be needed under low input voltages. Please check the derating curve for more details. S P - 3 2 0 series 320WSingleOutputwithPFCFunction 115VAC 230VAC ACCURRENT (Typ.) RSG ELECTRONIC COMPONENTS RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de Änderungen vorbehalten / subject to change without notice ■ |
Similar Part No. - SP-320-24 |
|
Similar Description - SP-320-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |