Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3624AETJ+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3624AETJ+
Description  Low-Jitter, Precision Clock Generator with Four Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3624AETJ+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3624AETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3624AETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3624AETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3624AETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3624AETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3624AETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3624AETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3624AETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX3624AETJ+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Layout Considerations
The inputs and outputs are critical paths for the
MAX3624A, and care should be taken to minimize dis-
continuities on these transmission lines. Here are some
suggestions for maximizing the MAX3624A’s perfor-
mance:
• An uninterrupted ground plane should be posi-
tioned beneath the clock I/Os.
• Ground pin vias should be placed close to the IC
and the input/output interfaces to allow a return
current path to the MAX3624A and the receive
devices.
• Supply decoupling capacitors should be placed
close to the MAX3624A supply pins.
• Maintain 100
Ω differential (or 50Ω single-ended)
transmission line impedance out of the MAX3624A.
• Use good high-frequency layout techniques and a
multilayer board with an uninterrupted ground
plane to minimize EMI and crosstalk.
Refer to the MAX3624A Evaluation Kit for more information.
Exposed-Pad Package
The exposed pad on the 32-pin TQFN package pro-
vides a very low inductance path for return current trav-
eling to the PCB ground plane. The pad is also
electrical ground on the MAX3624A and must be sol-
dered to the circuit board ground for proper electrical
performance.
Chip Information
TRANSISTOR COUNT: 10,780
PROCESS: BiCMOS
Low-Jitter, Precision Clock Generator
with Four Outputs
______________________________________________________________________________________
11
10
Ω
10
Ω
ESD
STRUCTURES
QA_C
IN
DISABLE
VDDO_A
Figure 9. Simplified LVCMOS Output Circuit Schematic
MAX3624A
THIN QFN
(5mm
× 5mm)
TOP VIEW
5
6
4
3
20
19
21
22
910
SELB1
12
13
14
15
31
32
30
28
27
26
SELB0
QAC_OE
SELA1
SELA0
QA_OE
GND
11
29
7
18
MR
VCC
8
17
GNDO_A
VCCA
QB0_OE
2
23
QB1_OE
GND
1
24
GND
16
25
VCCO_B
+
*EP
*EXPOSED PAD CONNECTED TO GROUND.
Pin Configuration


Similar Part No. - MAX3624AETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624UTJ MAXIM-MAX3624UTJ Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624UTJ++ MAXIM-MAX3624UTJ+ Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
More results

Similar Description - MAX3624AETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com