Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14998ETO+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14998ETO+T
Description  Two-Lane and Four-Lane DisplayPort Passive Switches with Separate AUX/HPD Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14998ETO+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14998ETO+T Datasheet HTML 1Page - Maxim Integrated Products MAX14998ETO+T Datasheet HTML 2Page - Maxim Integrated Products MAX14998ETO+T Datasheet HTML 3Page - Maxim Integrated Products MAX14998ETO+T Datasheet HTML 4Page - Maxim Integrated Products MAX14998ETO+T Datasheet HTML 5Page - Maxim Integrated Products MAX14998ETO+T Datasheet HTML 6Page - Maxim Integrated Products MAX14998ETO+T Datasheet HTML 7Page - Maxim Integrated Products MAX14998ETO+T Datasheet HTML 8Page - Maxim Integrated Products MAX14998ETO+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Two-Lane and Four-Lane DisplayPort Passive
Switches with Separate AUX/HPD Control
_______________________________________________________________________________________ 5
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
DIFFERENTIAL RETURN LOSS
FREQUENCY (MHz)
1000
100
-35
-30
-25
-20
-15
-10
-5
0
-40
10
10,000
DIFFERENTIAL CROSSTALK
FREQUENCY (MHz)
1000
100
-70
-60
-50
-40
-30
-20
-10
0
-80
10
10,000
DIFFERENTIAL OFF-ISOLATION
FREQUENCY (MHz)
1000
100
-70
-60
-50
-40
-30
-20
-10
0
-80
10
10,000
DIFFERENTIAL INSERTION LOSS
FREQUENCY (MHz)
1000
100
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
-10
10
10,000
TURN-ON/OFF TIME vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
10
20
30
40
50
60
0
3.0
3.6
tON_SEL
tOFF_SEL
LOGIC THRESHOLD vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
0.7
0.9
1.1
1.3
1.5
0.5
3.0
3.6
VDD = 3.3V
VIH
VIL
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
100
200
300
400
600
500
700
800
0
-40
85
VDD = 3.3V
ON-RESISTANCE vs. COM_ VOLTAGE
VCOM_ (V)
1.3
1.1
0.9
0.7
0.5
0.3
0.1
5
6
7
8
9
10
4
-0.1
1.5
VDD = 3.3V
ICOM_ = 15mA
TA = +85°C
TA = +25°C
TA = -40°C
ON-RESISTANCE vs. COM_ VOLTAGE
VCOM_ (V)
1.7
1.5
0.1 0.3 0.5
0.9 1.1
0.7
1.3
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
4.0
-0.1
1.9
VDD = 3.6V
ICOM_ = 15mA


Similar Part No. - MAX14998ETO+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1499ECJ MAXIM-MAX1499ECJ Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
More results

Similar Description - MAX14998ETO+T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
QLX4270-DP INTERSIL-QLX4270-DP_10 Datasheet
246Kb / 7P
   DisplayPort Lane Extender
logo
Renesas Technology Corp
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
   DisplayPort 20Gbps 4-lane linear redriver
logo
Pericom Semiconductor C...
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
   2-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VEDP212 PERICOM-PI3VEDP212 Datasheet
858Kb / 8P
   2-lane DisplayPort Switch/Mux for DP Driven Panels with Triple Control Pins
logo
Chrontel, Inc.
CH7525 CHRONTEL-CH7525 Datasheet
207Kb / 7P
   CH7525 4 Lane DisplayPort to HDMI Converter
Rev 1.1 2021-5-11
logo
Pericom Semiconductor C...
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
   4-Lane DisplayPort Rev 1.2 Compliant Switch
logo
Maxim Integrated Produc...
MAX4928A MAXIM-MAX4928A Datasheet
148Kb / 13P
   DisplayPort/PCIe Passive Switches
Rev 1; 8/08
logo
OmniVision Technologies...
OV2732 OMNIVISION-OV2732 Datasheet
1Mb / 2P
   support for two lane MIPI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com