Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19998ETP+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX19998ETP+T
Description  SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19998ETP+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX19998ETP+T Datasheet HTML 1Page - Maxim Integrated Products MAX19998ETP+T Datasheet HTML 2Page - Maxim Integrated Products MAX19998ETP+T Datasheet HTML 3Page - Maxim Integrated Products MAX19998ETP+T Datasheet HTML 4Page - Maxim Integrated Products MAX19998ETP+T Datasheet HTML 5Page - Maxim Integrated Products MAX19998ETP+T Datasheet HTML 6Page - Maxim Integrated Products MAX19998ETP+T Datasheet HTML 7Page - Maxim Integrated Products MAX19998ETP+T Datasheet HTML 8Page - Maxim Integrated Products MAX19998ETP+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
SiGe, High-Linearity, 2300MHz to 4000MHz
Downconversion Mixer with LO Buffer
19-4827; Rev 0; 10/09
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
T = Tape and reel.
General Description
The MAX19998 single, high-linearity downconversion
mixer provides 8.7dB of conversion gain, +24.3dBm
input IP3, +11.3dBm 1dB input compression point,
and a noise figure of 9.7dB for 2300MHz to 4000MHz
WiMAXK, LTE, and MMDS receiver applications. With
an ultra-wide LO 2600MHz to 4300MHz frequency
range, the MAX19998 can be used in either low-side
or high-side LO injection architectures for virtually all
2.5GHz and 3.5GHz applications. For a 2.5GHz vari-
ant tuned specifically for high-side injection, refer to the
MAX19996A.
In addition to offering excellent linearity and noise per-
formance, the MAX19998 also yields a high level of
component integration. This device includes a double-
balanced passive mixer core, an IF amplifier, and an LO
buffer. On-chip baluns are also integrated to allow for
single-ended RF and LO inputs. The MAX19998 requires
a nominal LO drive of 0dBm, and supply current is typi-
cally 230mA at VCC = 5.0V or 150mA at VCC = 3.3V.
The MAX19998 is pin compatible with the MAX19996/
MAX19996A 2000MHz to 3900MHz mixer family. The
device is also pin similar with the MAX9984/MAX9986/
MAX9986A 400MHz to 1000MHz mixers and the
MAX9993/MAX9994/MAX9996 1700MHz to 2200MHz
mixers, making this entire family of downconverters ideal
for applications where a common PCB layout is used for
multiple frequency bands.
The MAX19998 is available in a compact, 5mm x 5mm,
20-pin thin QFN with an exposed pad. Electrical perfor-
mance is guaranteed over the extended -40NC to +85NC
temperature range.
Applications
2.5GHz WiMAX and LTE Base Stations
2.7GHz MMDS Base Stations
3.5GHz WiMAX and LTE Base Stations
Fixed Broadband Wireless Access
Wireless Local Loop
Private Mobile Radios
Military Systems
Features
S
2300MHz to 4000MHz RF Frequency Range
S
2600MHz to 4300MHz LO Frequency Range
S
50MHz to 500MHz IF Frequency Range
S
8.7dB Conversion Gain
S
9.7dB Noise Figure
S
+24.3dBm Typical Input IP3
S
+11.3dBm Typical Input 1dB Compression Point
S
67dBc Typical 2RF - 2LO Spurious Rejection at
PRF = -10dBm
S
Integrated LO Buffer
S
Integrated RF and LO Baluns for Single-Ended
Inputs
S
Low -3dBm to +3dBm LO Drive
S
Pin Compatible with the MAX19996/MAX19996A
2000MHz to 3900MHz Mixers
S
Pin Similar with the MAX9984/MAX9986/
MAX9986A Series of 400MHz to 1000MHz Mixers
and the MAX9993/MAX9994/MAX9996 Series of
1700MHz to 2200MHz Mixers
S
Single 5.0V or 3.3V Supply
S
External Current-Setting Resistors Provide Option
for Operating Device in Reduced-Power/Reduced-
Performance Mode
WiMAX is a trademark of WiMAX Forum.
Ordering Information
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX19998ETP+
-40NC to +85NC
20 Thin QFN-EP*
MAX19998ETP+T
-40NC to +85NC
20 Thin QFN-EP*


Similar Part No. - MAX19998ETP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
497Kb / 32P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 1; 9/04
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
   7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX++ MAXIM-MAX19993ETX+ Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX+T MAXIM-MAX19993ETX+T Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
More results

Similar Description - MAX19998ETP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
MAX19997A MAXIM-MAX19997A Datasheet
492Kb / 34P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19997A MAXIM-MAX19997A_11 Datasheet
585Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 2; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com