Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2608DSTRPbF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2608DSTRPbF
Description  HALF-BRIDGE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2608DSTRPbF Datasheet(HTML) 2 Page - International Rectifier

  IRS2608DSTRPbF Datasheet HTML 1Page - International Rectifier IRS2608DSTRPbF Datasheet HTML 2Page - International Rectifier IRS2608DSTRPbF Datasheet HTML 3Page - International Rectifier IRS2608DSTRPbF Datasheet HTML 4Page - International Rectifier IRS2608DSTRPbF Datasheet HTML 5Page - International Rectifier IRS2608DSTRPbF Datasheet HTML 6Page - International Rectifier IRS2608DSTRPbF Datasheet HTML 7Page - International Rectifier IRS2608DSTRPbF Datasheet HTML 8Page - International Rectifier IRS2608DSTRPbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.irf.com
2
IRS2608DSPbF
Qualification Information
Industrial
††
Qualification Level
Comments: This IC has passed JEDEC’s
Industrial qualification. IR’s Consumer
qualification level is granted by extension of the
higher Industrial level.
Moisture Sensitivity Level
MSL2, 260°C
(per IPC/JEDEC J-STD-020)
Human Body Model
Class 2
(per JEDEC standard JESD22-A114)
ESD
Machine Model
Class B
(per EIA/JEDEC standard EIA/JESD22-A115)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
†† Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information.


Similar Part No. - IRS2608DSTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_15 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2608DSTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com