Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24050 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24050
Description  800mA Single Cell Li-Ion Battery Charger With Automatic Adaptor/USB Detection
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24050 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24050 Datasheet HTML 2Page - Texas Instruments BQ24050 Datasheet HTML 3Page - Texas Instruments BQ24050 Datasheet HTML 4Page - Texas Instruments BQ24050 Datasheet HTML 5Page - Texas Instruments BQ24050 Datasheet HTML 6Page - Texas Instruments BQ24050 Datasheet HTML 7Page - Texas Instruments BQ24050 Datasheet HTML 8Page - Texas Instruments BQ24050 Datasheet HTML 9Page - Texas Instruments BQ24050 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
bq24050
bq24052
bq24055
SLUS940A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009.................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CTS
Optional Capacitance – ESD
0.22
μF
bq24050/2/5 Low temperature CHG
Low Temp Charging to Pending;
VTS-0°C
1205
1230
1255
mV
Pending
VTS: 1V → 1.5V
Charge pending to low temp charging; VTS: 1.5V →
VHYS-0°C
Hysteresis at 0°C
86
mV
1V
Normal charging to low temp charging; VTS: 0.5V
VTS-10°C
Low temperature, half charge
765
790
815
mV
→ 1V
Low temp charging to normal CHG;
VHYS-10°C
Hysteresis at 10°C
35
mV
VTS: 1V → 0.5V
Normal charging to high temp CHG;
VTS-45°C
High temperature at 4.1V
263
278
293
mV
VTS: 0.5V → 0.2V
High temp charging to normal CHG;
VHYS-45°C
Hysteresis at 45°C
10.7
mV
VTS: 0.2V → 0.5V
High temp charge to pending;
VTS-60°C
High temperature Disable
170
178
186
mV
VTS: 0.2V → 0.1V
Charge pending to high temp CHG;
VHYS-60°C
Hysteresis at 60°C
11.5
mV
VTS: 0.1V → 0.2V
Normal to Cold Operation: VTS: 0.6V → 1V
50
tDGL(TS_10C)
Deglitch for TS thresholds: 10C.
ms
Cold to Normal Operation: VTS: 1.0V → 0.6V
12
tDGL(TS)
Deglitch for TS thresholds: 0/45/60C.
Battery charging
30
ms
VTS-EN-10k
Charge Enable Threshold, (10k NTC)
VTS: 0V → 0.175V;
80
88
96
mV
HYS below VTS-EN-10k to Disable, (10k
VTS-DIS_HYS-10k
VTS: 0.125V → 0V;
12
mV
NTC)
Charge Enable Threshold, (100k
VTS-EN-100k
VTS: 0V → 0.175V
140
150
160
mV
NTC)
VTS-DIS_HYS-
HYS below VTS-EN-100k to Disable,
VTS: 0.125V → 0V;
50
mV
100k
(100k NTC)
THERMAL REGULATION
TJ(REG)
Temperature regulation limit
125
°C
TJ(OFF)
Thermal shutdown temperature
155
°C
TJ(OFF-HYS)
Thermal shutdown hysteresis
20
°C
LOGIC LEVELS ON ISET2
VIL
Logic LOW input voltage
Sink more than 8
μA
0.4
V
VIH
Logic HIGH input voltage
Source more than 8
μA
1.4
V
IIL
Sink current required for LO
2
9
μA
IIH
Source current required for HI
1.1
8
μA
VFLT
ISET2 Float Voltage
650
900
1200
mV
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq24050 bq24052 bq24055


Similar Part No. - BQ24050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001 TI1-BQ24001 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWP TI-BQ24001PWP Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001PWP TI1-BQ24001PWP Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWPG4 TI1-BQ24001PWPG4 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
More results

Similar Description - BQ24050

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
logo
Texas Instruments
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
[Old version datasheet]   LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com