Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24040DSQR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24040DSQR
Description  800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24040DSQR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24040DSQR Datasheet HTML 5Page - Texas Instruments BQ24040DSQR Datasheet HTML 6Page - Texas Instruments BQ24040DSQR Datasheet HTML 7Page - Texas Instruments BQ24040DSQR Datasheet HTML 8Page - Texas Instruments BQ24040DSQR Datasheet HTML 9Page - Texas Instruments BQ24040DSQR Datasheet HTML 10Page - Texas Instruments BQ24040DSQR Datasheet HTML 11Page - Texas Instruments BQ24040DSQR Datasheet HTML 12Page - Texas Instruments BQ24040DSQR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
OUT
Charge
Pump
IN
OUT
OUTREGREF
TJ°C
125°CREF
IN
IN
ISET
Charge
Pump
PRE-TERM
75mA
+
CHARGE
CONTROL
OUT
VTERM_EN
ISET2 (LO=ISET,HI=USB500,
FLOAT =USB100)
VCOLD-FLT
VHOT-45 C
o
VTTDM
VCE
TS/BAT_EN
5 A
m
45 A
m
VCLAMP = 1.4V
ColdTemperature
SinkCurrent
=45 A
m
LO =TTDMMODE
HI=CHIP DISABLE
OUT
CHG
ON:
OnDuring
1stChargeOnly
OFF:
+Increasedfrom 75 A to85 A for
m
m
1
st minuteofcharge.
+
_
+
_
+
_
+
_
+
_
+
_
InternalCharge
CurrentSense
w/ MultipleOutputs
USBSense
Resistor
USB100/500REF
+
_
1.5V
FASTCHARGE
PRE-CHARGE
PG
HI =SuspendCHG
VCOLD-10 C
o
VHOT-FLT
HI =HalfCHG(JEITA)
HI =4.06Vreg(JEITA)
VDISABLE
+
_
bq24041 ThisComparatorOnly – NoTSFeatures
ASI
ASO
OUT
+
-
80 mV
Input
Power
Detect
+
_
IN-DPMREF
0.9VFloat
bq24041
Only
Bq24040
Only
TS - bq24040
BAT_EN -bq24041
+
_
Disable
SinkCurrent
=20 A
m
200kW
Bq24040 isasshown
Bq24041 hasnoCurrentSinksandonly 5mA CurrentSource
X2Gain(1:2)
Term:Pre-CHGX2
TermReference
Pre-CHGReference
I
x1.5V
540 A
OUT
W
T C
J
o
150 C
ThermalShutdown
o
REF
IN
OVPREF
bq24040
bq24041
www.ti.com.................................................................................................................................... SLUS941A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24040 bq24041


Similar Part No. - BQ24040DSQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24040DSQR TI1-BQ24040DSQR Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
More results

Similar Description - BQ24040DSQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
Torex Semiconductor
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com