Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8558IPM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8558IPM
Description  16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8558IPM Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8558IPM Datasheet HTML 4Page - Texas Instruments ADS8558IPM Datasheet HTML 5Page - Texas Instruments ADS8558IPM Datasheet HTML 6Page - Texas Instruments ADS8558IPM Datasheet HTML 7Page - Texas Instruments ADS8558IPM Datasheet HTML 8Page - Texas Instruments ADS8558IPM Datasheet HTML 9Page - Texas Instruments ADS8558IPM Datasheet HTML 10Page - Texas Instruments ADS8558IPM Datasheet HTML 11Page - Texas Instruments ADS8558IPM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADS8556
ADS8557
ADS8558
SBAS404A – OCTOBER 2006 – REVISED AUGUST 2009 ............................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: GENERAL (continued)
Over recommended operating free-air temperature range of –40°C to +125°C, AVDD = 4.5V to 5.5V, BVDD = 2.7V to 5.5V,
HVDD = 10V to 15V, HVSS = –15V to –10V, VREF = 2.5V (internal), and fDATA = maximum, unless otherwise noted.
ADS8556, ADS8557, ADS8558
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNIT
DIGITAL OUTPUTS(4)
Logic family
CMOS
High-level output voltage
IOH = 100µA
BVDD – 0.6
BVDD
V
Low-level output voltage
IOH = –100µA
BGND
BGND + 0.4
V
High-impedance-state output current
–50
50
nA
Output capacitance
5
pF
Load capacitance
30
pF
POWER-SUPPLY REQUIREMENTS
Analog supply voltage
AVDD
4.5
5.0
5.5
V
Buffer I/O supply voltage
BVDD
2.7
3.0
5.5
V
Input positive supply voltage
HVDD
5.0
10.0
16.5
V
Input negative supply voltage
HVSS
–16.5
–10.0
–5.0
V
fDATA = maximum
30.0
36.0
mA
ADS8556, fDATA = 250kSPS (auto-NAP mode)
14.0
16.5
mA
ADS8557, fDATA = 250kSPS (auto-NAP mode)
14.0
17.0
mA
Analog supply current(5)
IAVDD ADS8558, f
DATA = 250kSPS (auto-NAP mode)
14.0
18.0
mA
Auto-NAP mode, no ongoing conversion,
4.0
6.0
mA
internal conversion clock
Power-down mode
0.1
50.0
µA
fDATA = maximum
0.9
2.0
mA
fDATA = 250kSPS (auto-NAP mode)
0.5
1.5
mA
Buffer I/O supply current(6)
IBVDD Auto-NAP mode, no ongoing conversion,
0.1
10.0
µA
internal conversion clock
Power-down mode
0.1
10.0
µA
ADS8556, fDATA = maximum
3.0
3.5
mA
ADS8557, fDATA = maximum
3.1
3.6
mA
ADS8558, fDATA = maximum
3.3
4.0
mA
Input positive supply current(7)
IHVDD f
DATA = 250kSPS (auto-NAP mode)
1.6
2.0
mA
Auto-NAP mode, no ongoing conversion,
0.2
0.3
µA
internal conversion clock
Power-down mode
0.1
10.0
µA
ADS8556, fDATA = maximum
3.6
4.0
mA
ADS8557, fDATA = maximum
3.6
4.2
mA
ADS8558, fDATA = maximum
4.0
4.8
mA
Input negative supply current(8)
IHVSS f
DATA = 250kSPS (auto-NAP mode)
1.8
2.2
mA
Auto-NAP mode, no ongoing conversion,
0.2
0.25
µA
internal conversion clock
Power-down mode
0.1
10.0
µA
(4)
Specified by design.
(5)
At AVDD = 5V.
(6)
At BVDD = 3V, parallel mode, load capacitance = 6pF/pin.
(7)
At HVDD = 15V.
(8)
At HVSS = –15V.
8
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8556 ADS8557 ADS8558


Similar Part No. - ADS8558IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8558IPM TI1-ADS8558IPM Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8558IPMR TI1-ADS8558IPMR Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
More results

Similar Description - ADS8558IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com