Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24747 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24747
Description  SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24747 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24747 Datasheet HTML 5Page - Texas Instruments BQ24747 Datasheet HTML 6Page - Texas Instruments BQ24747 Datasheet HTML 7Page - Texas Instruments BQ24747 Datasheet HTML 8Page - Texas Instruments BQ24747 Datasheet HTML 9Page - Texas Instruments BQ24747 Datasheet HTML 10Page - Texas Instruments BQ24747 Datasheet HTML 11Page - Texas Instruments BQ24747 Datasheet HTML 12Page - Texas Instruments BQ24747 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
bq24747
www.ti.com ............................................................................................................................................................................................. SLUS988 – OCTOBER 2009
ELECTRICAL CHARACTERISTICS (continued)
7.0 V
≤ V(DCIN) ≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDSMB INPUT SUPPLY FOR SMBus
VVDDSMB_RANGE
VDDSMB input voltage range
2.7
5.5
V
VVDDSMB_UVLO_
VDDSMB undervoltage lockout threshold
VVDDSMB Rising
2.4
2.5
2.65
V
Threshold_Rising
voltage, rising
VVDDSMB_UVLO_
VDDSMB undervoltage lockout hysteresis
VVDDSMB Falling
100
150
200
mV
Hyst_Rising
voltage, falling
IVDDSMB_Iq
VDDSMB quiescent current
VVDDSMB = SCL = SDA = 5.5 V,
20
27
μA
0°C
≤ TJ ≤ 85°C
ELECTRICAL CHARACTERISTICS
7 Vdc
≤ V(VCC) ≤ 24 Vdc, –20°C<TJ <125°C, ref = AGND (unless otherwise noted)
(1)
PARAMETER
MIN
TYP
MAX
UNIT
[SMB TIMING SPECIFICATION (VDD = 2.7 V to 5.5 V) (see Figures 4 and 5)]
SMBus TIMING CHARACTERISTICS
tR
SCLK/SDATA rise time
1
μs
tF
SCLK/SDATA fall time
300
ns
tW(H)
SCLK pulse width high
4
50
μs
tW(L)
SCLK Pulse Width Low
4.7
μs
tSU(STA)
Setup time for START condition
4.7
μs
tH(STA)
START condition hold time after which first clock pulse is generated
4
μs
tSU(DAT)
Data setup time
250
ns
tH(DAT)
Data hold time
300
ns
tSU(STOP)
Setup time for STOP condition
4
μs
t(BUF)
Bus free time between START and STOP condition
4.7
μs
FS(CL)
Clock Frequency
10
100
kHz
HOST COMMUNICATION FAILURE
ttimeout
SMBus bus release timeout
22
25
35
ms
tWDI
Watchdog timeout period
140
170
210
s
OUTPUT BUFFER CHARACTERISTICS
V(SDAL)
Output LO voltage at SDA, I(SDA) = 3 mA
0.4
V
(1)
Devices participating in a transfer will timeout when any clock low exceeds the 25 ms minimum timeout period. Devices that have
detected a timeout condition must reset the communication no later than the 35 ms maximum timeout period. Both a master and a slave
must adhere to the maximum value specified as it incorporates the cumulative stretch limit for both a master (10 ms) and a
slave (25 ms).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :bq24747


Similar Part No. - BQ24747

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI1-BQ24740 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740RHDR TI-BQ24740RHDR Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740RHDR TI-BQ24740RHDR Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results

Similar Description - BQ24747

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24745 TI1-BQ24745_14 Datasheet
1Mb / 39P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com