Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24041DSQT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24041DSQT
Description  800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24041DSQT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24041DSQT Datasheet HTML 7Page - Texas Instruments BQ24041DSQT Datasheet HTML 8Page - Texas Instruments BQ24041DSQT Datasheet HTML 9Page - Texas Instruments BQ24041DSQT Datasheet HTML 10Page - Texas Instruments BQ24041DSQT Datasheet HTML 11Page - Texas Instruments BQ24041DSQT Datasheet HTML 12Page - Texas Instruments BQ24041DSQT Datasheet HTML 13Page - Texas Instruments BQ24041DSQT Datasheet HTML 14Page - Texas Instruments BQ24041DSQT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Vts
Viset
Vchg
Vpg
t-time-50ms/div
2V/div
2V/div
2V/div
500mV/div
Vin
Vchg
Vpg
Vout
BatteryDetectMode
t-time-20ms/div
2V/div
5V/div
5V/div
2V/div
Vin
Viset
Vts
Vout
t-time-5ms/div
2V/div
2V/div
1V/div
500mV/div
Viset
Vchg
Vts
Vout
1BatteryDetectCycle
Entered TTDM
t-time-10ms/div
5V/div
1V/div
1V/div
1V/div
Viset
Vchg
V_0.1
_OUT
W
Vout
BatteryDeclared Absent
t-time-20ms/div
100mV/div
1V/div
1V/div
5V/div
bq24040
bq24041
www.ti.com.................................................................................................................................... SLUS941A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
TYPICAL OPERATIONAL CHARACTERISTICS (continued)
SETUP: bq24040 typical applications schematic; VIN = 5V, VBAT = 3.6V (unless otherwise indicated)
10k
Ω resistor from TS to GND. 10kΩ is shorted to disable the
IC.
Fixed 10k
Ω resistor, between TS and GND.
Figure 7. TS Enable and Disable
Figure 8. Hot Plug Source w/No Battery – Battery Detection
Figure 9. Battery Removal – GND Removed 1st, 42
Ω Load
Figure 10. Battery Removal with OUT and
TS Disconnect 1st, With 100
Ω Load
Continuous battery detection when not in TTDM.
Figure 11. Battery Removal with fixed TS = 0.5V
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24040 bq24041


Similar Part No. - BQ24041DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24041DSQT TI1-BQ24041DSQT Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
More results

Similar Description - BQ24041DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
Torex Semiconductor
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com