Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24312DSGT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24312DSGT
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24312DSGT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24312DSGT Datasheet HTML 7Page - Texas Instruments BQ24312DSGT Datasheet HTML 8Page - Texas Instruments BQ24312DSGT Datasheet HTML 9Page - Texas Instruments BQ24312DSGT Datasheet HTML 10Page - Texas Instruments BQ24312DSGT Datasheet HTML 11Page - Texas Instruments BQ24312DSGT Datasheet HTML 12Page - Texas Instruments BQ24312DSGT Datasheet HTML 13Page - Texas Instruments BQ24312DSGT Datasheet HTML 14Page - Texas Instruments BQ24312DSGT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
OPERATION
Input Overvoltage Protection
Input Overcurrent Protection
Battery Overvoltage Protection
Thermal Protection
Enable Function
bq24312
www.ti.com................................................................................................................................................................................................. SLUS912 – AUGUST 2009
The device continuously monitors the input voltage, the input current, and the battery voltage as described in
detail in the following sections.
As long as the input voltage is less than VO(REG), the output voltage tracks the input voltage (less the drop caused
by RDSON of Q1). If the input voltage is greater than VO(REG) (plus the RDSON drop) and less than VOVP, the
device acts like a series linear regulator, with the output voltage regulated to VO(REG). If the input voltage rises
above VOVP, the output voltage is clamped to VO(REG) for a blanking duration tBLANK(OVP). If the input voltage
returns below VOVP within tBLANK(OVP), the device continues normal operation (See Figure 4). This provides
protection against turning power off due to transient overvoltage spikes while still protecting the system.
However, if the input voltage remains above VOVP for more than tBLANK(OVP), the internal FET is turned off,
removing power from the circuit (see Figure 5). When the input voltage comes back to a safe value the device
waits for tON(OVP), then switches on Q1 and goes through the soft-start routine (see Figure 6).
The overcurrent threshold is programmed by a resistor RILIM connected from the ILIM pin to VSS. Figure 15
shows the OCP threshold as a function of RILIM, and may be approximated by the following equation:
IOCP = 25 ÷ RILIM (current in A, resistance in kΩ), where RILIM must be between 15 kΩ and 90 kΩ.
If the load current tries to exceed the IOCP threshold, the device limits the current for a blanking duration of
tBLANK(OCP). If the load current returns to less than IOCP before tBLANK(OCP) times out, the device continues to
operate. However, if the overcurrent situation persists for tBLANK(OCP), the FET Q1 is turned off for a duration of
tREC(OCP), and the FAULT pin is driven low. The FET is then turned on again after tREC(OCP) and the current is
monitored all over again. Each time an OCP fault occurs, an internal counter is incremented. If 15 OCP faults
occur in one charge cycle, the FET is turned off permanently. The counter is cleared either by removing and
re-applying input power, or by disabling and re-enabling the device with the CE pin. Figure 7 to Figure 9 show
what happens in an overcurrent fault.
To prevent the input voltage from spiking up due to the inductance of the input cable, Q1 is turned off slowly,
resulting in a “soft-stop”, as shown in Figure 9.
The battery overvoltage threshold BVOVP is internally set to 4.35V. If the battery voltage exceeds the BVOVP
threshold, the FET Q1 is turned off, and the FAULT pin is driven low. The FET is turned back on once the battery
voltage drops to BVOVP – Vhys(Bovp) (see Figure 10 and Figure 11). Each time a battery overvoltage fault occurs,
an internal counter is incremented. If 15 such faults occur in one charge cycle, the FET is turned off permanently.
The counter is cleared either by removing and re-applying input power, or by disabling and re-enabling the
device with the CE pin. In the case of a battery overvoltage fault, Q1 is switched OFF gradually (see Figure 10).
If the junction temperature of the device exceeds TJ(OFF), the FET Q1 is turned off, and the FAULT pin is driven
low. The FET is turned back on when the junction temperature falls below TJ(OFF) – TJ(OFF-HYS).
The IC has an enable pin which can be used to enable or disable the device. When the CE pin is driven high, the
internal FET is turned off. When the CE pin is low, the FET is turned on if other conditions are safe. The OCP
counter and the Bat-OVP counter are both reset when the device is disabled and re-enabled. The CE pin has an
internal pulldown resistor and can be left floating. Note that the FAULT pin functionality is also disabled when the
CE pin is high.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24312


Similar Part No. - BQ24312DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24311 TI1-BQ24311 Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24311DSGR TI1-BQ24311DSGR Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24311DSGT TI1-BQ24311DSGT Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313DSG TI-BQ24313DSG Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24312DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com