Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24747RHDT Datasheet(PDF) 8 Page - Texas Instruments

Part # bq24747RHDT
Description  SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24747RHDT Datasheet(HTML) 8 Page - Texas Instruments

Back Button bq24747RHDT Datasheet HTML 4Page - Texas Instruments bq24747RHDT Datasheet HTML 5Page - Texas Instruments bq24747RHDT Datasheet HTML 6Page - Texas Instruments bq24747RHDT Datasheet HTML 7Page - Texas Instruments bq24747RHDT Datasheet HTML 8Page - Texas Instruments bq24747RHDT Datasheet HTML 9Page - Texas Instruments bq24747RHDT Datasheet HTML 10Page - Texas Instruments bq24747RHDT Datasheet HTML 11Page - Texas Instruments bq24747RHDT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
bq24747
SLUS988 – OCTOBER 2009 ............................................................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
7.0 V
≤ V(DCIN) ≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN COMPARATOR
VLOWV_VFB comparator
4
V
Reset time CE after falling-edge on-shot
2
ms
TSHUT
Thermal shutdown rising temperature
Temperature Increasing
155
°C
TSHUT_HYS
Thermal shutdown hysteresis, falling
20
PWM HIGH SIDE DRIVER (UGATE)
RDS_HI_ON
High side driver (HSD) turn-on resistance
VBOOT – VPHASE = 5.5 V
6
RDS_HI_OFF
High side driver turn-off resistance
VBOOT – VPHASE = 5.5 V
1
Bootstrap refresh comparator threshold
VBOOT – VPHASE when low side refresh pulse
VBOOT_REFRESH
4
V
voltage
is requested
IBOOT_LEAK
BOOT leakage current when charge enabled
High Side is on; Charge enabled
200
μA
PWM LOW SIDE DRIVER (LGATE)
RDS_LO_ON
Low side driver (LSD) turn-on resistance
6
RDS_LO_OFF
Low side driver turn-off resistance
1
PWM DRIVERS TIMING
Dead time when switching between LGATE
Driver Dead Time
30
ns
and UGATE , no load at LGATE and UGATE
PWM OSCILLATOR
FSW
PWM switching frequency
240
360
kHz
VRAMP_HEIGHT
PWM ramp height
As percentage of DCIN
6.67
%DCIN
QUIESCENT CURRENT
Total off-state battery current from CSOP,
VVFB = 16.8 V, VACIN < 0.6 V,
IOFF_STATE
7
10
μA
CSON, VFB, DCIN, BOOT, PHASE, etc
VDCIN > 5 V, 0°C ≤ TJ ≤ 85°C
VVFB = 16.8 V, 0.6V < VACIN < 2.4 V,
IBAT_ON
Battery on-state quiescent current
0.7
1
mA
VDCIN > 5 V
Charge is disabled: VVFB = 16.8 V,
IBAT_LOAD_CD
Internal battery load current, charge disabled
0.7
1
mA
VACIN > 2.4 V, VDCIN > 5 V
Charge is enabled: VVFB = 16.8 V,
IBAT_LOAD_CE
Internal battery load current, charge enabled
6
10
12
mA
VACIN > 2.4 V, VDCIN > 5 V
IAC
Adapter quiescent current
Charge disabled, VDCIN = 20 V
0.7
1
mA
Charge enabled, VDCIN = 20 V, converter
IAC_SWITCH
Adapter switching quiescent current
25
mA
running
INTERNAL SOFT START (8 steps to regulation current ICHG)
Soft start steps
8
step
Soft start step time
1.5
ms
CHARGER SECTION POWER-UP SEQUENCING
Delay from when adapter is detected to when
Charge-Enable Delay after Power-up
1.5
ms
the charger is allowed to turn on
CHARGE UNDERCURRENT COMPARATOR (CYCLE-BY-CYCLE SYNCHRONOUS TO NON-SYNCHRONOUS)
Cycle-by-cycle, (CSOP-CSON) voltage,
Cycle-by-cycle Synchronous to
VUCP
falling, LGATE turns-off and latches off until
5
10
15
mV
Non-Synchronous Transition Threshold
next cycle
Blankout Time after LGATE turns-on
Blankout comparator after LGATE turns-on
100
ns
LOGIC INPUT PIN CHARACTERISTICS (CE)(2) Pull-up CE with
≥2.2 kΩ resistor or directly to VREF.
VIN_LO
Input low threshold voltage
0.8
V
VIN_HI
Input high threshold voltage
2.1
VBIAS
Input bias current
V = 0 TO VVDDP
1
μA
OPEN-DRAIN LOGIC OUTPUT PIN CHARACTERISTICS (ACOK, ICOUT)
VOUT_LO
Output low saturation voltage
Sink Current = 5 mA
0.5
V
(2)
Pull up CE with
≥ 2 kΩ resistor, or connect directly to VREF.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24747


Similar Part No. - bq24747RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI1-BQ24740 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740RHDR TI-BQ24740RHDR Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740RHDR TI-BQ24740RHDR Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results

Similar Description - bq24747RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24745 TI1-BQ24745_14 Datasheet
1Mb / 39P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com