Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD16301Q2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16301Q2
Description  N-Channel NexFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD16301Q2 Datasheet(HTML) 1 Page - Texas Instruments

  CSD16301Q2 Datasheet HTML 1Page - Texas Instruments CSD16301Q2 Datasheet HTML 2Page - Texas Instruments CSD16301Q2 Datasheet HTML 3Page - Texas Instruments CSD16301Q2 Datasheet HTML 4Page - Texas Instruments CSD16301Q2 Datasheet HTML 5Page - Texas Instruments CSD16301Q2 Datasheet HTML 6Page - Texas Instruments CSD16301Q2 Datasheet HTML 7Page - Texas Instruments CSD16301Q2 Datasheet HTML 8Page - Texas Instruments CSD16301Q2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
D
2
D
D
3
D
4
D
5
G
6
S
S
P0108-01
VGS − Gate to Source Voltage − V
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
G006
ID = 4A
TC = 125°C
TC = 25°C
Qg − Gate Charge − nC
0
1
2
3
4
5
6
7
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G003
ID = 4A
VDS = 12.5V
CSD16301Q2
www.ti.com.............................................................................................................................................................................................. SLPS235 – OCTOBER 2009
N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD16301Q2
1
FEATURES
Table 1. PRODUCT SUMMARY
2
Ultralow Qg and Qgd
Low Thermal Resistance
VDS
Drain to Source Voltage
25
V
Qg
Gate Charge Total (–4.5V)
2
nC
Pb Free Terminal Plating
Qgd
Gate Charge Gate to Drain
0.4
nC
RoHS Compliant
VGS = 3V
27
m
Halogen Free
RDS(on)
Drain to Source On Resistance
VGS = 4.5V
23
m
SON 2-mm × 2-mm Plastic Package
VGS = 8V
19
m
VGS(th)
Threshold Voltage
1.1
V
APPLICATIONS
DC-DC Converters
Text and br Added for Spacing
Battery and Load Management Applications
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
DESCRIPTION
SON 2-mm × 2-mm
13-Inch
Tape and
CSD16301Q2
3000
Plastic Package
Reel
Reel
The NexFET™ power MOSFET has been designed
to minimize losses in power conversion and load
Text and br Added for Spacing
management applications. The SON 2x2 offers
ABSOLUTE MAXIMUM RATINGS
excellent thermal performance for the size of the
package.
TA = 25°C unless otherwise stated
VALUE
UNIT
VDS
Drain to Source Voltage
25
V
Top View
VGS
Gate to Source Voltage
+10 / –8
V
Continuous Drain Current, TC = 25°C
5
A
ID
Continuous Drain Current(1)
5
A
IDM
Pulsed Drain Current, TA = 25°C
(2)
20
A
PD
Power Dissipation(1)
2.3
W
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
10
mJ
ID = 14A, L = 0.1mH, RG = 25Ω
(1)
Packaged Limited.
(2)
Pulse duration 10
μs, duty cycle ≤2%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD16301Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results

Similar Description - CSD16301Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com