Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24055DSST Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ24055DSST
Description  800mA Single Cell Li-Ion Battery Charger With Automatic Adaptor/USB Detection
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24055DSST Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24055DSST Datasheet HTML 6Page - Texas Instruments BQ24055DSST Datasheet HTML 7Page - Texas Instruments BQ24055DSST Datasheet HTML 8Page - Texas Instruments BQ24055DSST Datasheet HTML 9Page - Texas Instruments BQ24055DSST Datasheet HTML 10Page - Texas Instruments BQ24055DSST Datasheet HTML 11Page - Texas Instruments BQ24055DSST Datasheet HTML 12Page - Texas Instruments BQ24055DSST Datasheet HTML 13Page - Texas Instruments BQ24055DSST Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Charge
Pump
IN
OUT
OUTREGREF
T C
J
o
TJ°C
125
ThermalRegulation
°CREF
IN
IN
ISET
Charge
Pump
PRE-TERM
75 A
m
+
CHARGE
CONTROL
OUT
VTERM_EN
ISET2(LOW=ISET,HI=USB500,
FLOAT =USB100)
VCOLD-FLT
VHOT-45C
VTTDM
TS
5 A
m
45 A
m
VCLAMP = 1.4 V
ColdTemperature
SinkCurrent
= 45 A
m
LO=TTDM MODE
HI = CHIP DISABLE
OUT
CHG
ON:
OnDuring
1stChargeOnly
OFF:
+Increasedfrom 75 A to85 A for
m
m
1
st minuteofcharge.
+
_
+
_
+
_
+
_
+
_
+
_
InternalCharge
CurrentSense
w/MultipleOutputs
USBSense
Resistor
USB100/500REF
+
_
1.5 V
FASTCHARGE
PRE-CHARGE
PG
HI
= SuspendCHG
VCOLD-10C
VHOT-FLT
HI =HalfCHG(JEITA)
HI =4.06Vreg(JEITA)
VDISABLE
D+/ D-
DETECTION
CONTROL
- OnInitial
SupplyPower
Connection
D+
D-
0.6 V(200 mA)
(100 mA)
bq24055Only
+
-
80
mV
OUT
Input
Power
I
x1.5V
540 A
OUT
W
+
_
IN-DPMREF
150 C
ThermalShutdown
o
REF
0.9 VFloat
+
_
Disable
SinkCurrent
= 20 A
m
X2 Gain (1:2)
Term:Pre-CHG
TermReference
Pre-CHGReference
Detect
IN
OVPREF
bq24050
bq24052
bq24055
SLUS940A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009.................................................................................................................................... www.ti.com
FUNCTIONAL BLOCK DIAGRAM
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq24050 bq24052 bq24055


Similar Part No. - BQ24055DSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001 TI1-BQ24001 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWP TI-BQ24001PWP Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001PWP TI1-BQ24001PWP Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWPG4 TI1-BQ24001PWPG4 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
More results

Similar Description - BQ24055DSST

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
logo
Texas Instruments
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
[Old version datasheet]   LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com