Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1612 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1612
Description  High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1612 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA1612 Datasheet HTML 3Page - Texas Instruments OPA1612 Datasheet HTML 4Page - Texas Instruments OPA1612 Datasheet HTML 5Page - Texas Instruments OPA1612 Datasheet HTML 6Page - Texas Instruments OPA1612 Datasheet HTML 7Page - Texas Instruments OPA1612 Datasheet HTML 8Page - Texas Instruments OPA1612 Datasheet HTML 9Page - Texas Instruments OPA1612 Datasheet HTML 10Page - Texas Instruments OPA1612 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
-
-
-
-
-
-
-
-
-
-
80
90
100
110
120
130
140
150
160
170
180
-
10
Frequency (Hz)
100k
100
1k
10k
V = 15V
±
S
V
= 3.5V
OUT
RMS
G = +1
R = 2kW
L
R = 600W
L
L
R = 5kW
1
10
Frequency(Hz)
100M
10k
100
1k
100k
1M
10M
-PSRR
+PSRR
CMRR
160
140
120
100
80
60
40
20
0
Time (01. s/div)
m
G = +1
C = 50pF
L
+15V
-15V
C
L
R
L
OPA1611
Time (0.1 s/div)
m
G = 1
C = 50pF
-
L
+15V
-15V
R
F = 2kW
R
I = 2kW
C
F = 5.6pF
C
L
OPA1611
Time (0.5 s/div)
m
G = +1
C = 50pF
R = 2k
L
L
W
R = 0W
F
R = 75W
F
See
,
section
Applications Information
Input Protection
Time (0.5 s/div)
m
G = 1
C = 50pF
R = 2k
-
W
L
L
OPA1611
OPA1612
www.ti.com........................................................................................................................................................ SBOS450A – JULY 2009 – REVISED AUGUST 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
CHANNEL SEPARATION vs FREQUENCY
CMRR AND PSRR vs FREQUENCY (Referred to Input)
Figure 13.
Figure 14.
SMALL-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
(100mV)
(100mV)
Figure 15.
Figure 16.
LARGE-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
Figure 17.
Figure 18.
Copyright © 2009, Texas Instruments Incorporated
7
Product Folder Link(s): OPA1611 OPA1612


Similar Part No. - OPA1612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612 TI-OPA1612 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1612AID TI-OPA1612AID Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1612AIDR TI-OPA1612AIDR Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
More results

Similar Description - OPA1612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com