Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1612AID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1612AID
Description  High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1612AID Datasheet(HTML) 4 Page - Texas Instruments

  OPA1612AID Datasheet HTML 1Page - Texas Instruments OPA1612AID Datasheet HTML 2Page - Texas Instruments OPA1612AID Datasheet HTML 3Page - Texas Instruments OPA1612AID Datasheet HTML 4Page - Texas Instruments OPA1612AID Datasheet HTML 5Page - Texas Instruments OPA1612AID Datasheet HTML 6Page - Texas Instruments OPA1612AID Datasheet HTML 7Page - Texas Instruments OPA1612AID Datasheet HTML 8Page - Texas Instruments OPA1612AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
OPA1611
OPA1612
SBOS450A – JULY 2009 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±2.25V to ±18V (continued)
At TA = +25°C and RL = 2kΩ, unless otherwise noted. VCM = VOUT = midsupply, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
OPA1611AI, OPA1612AI
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
(V–) + 0.2V
≤ VO ≤ (V+) – 0.2V, RL = 10kΩ
114
130
dB
AOL
(V–) + 0.6V
≤ VO ≤ (V+) – 0.6V, RL = 2kΩ
110
114
dB
OUTPUT
Voltage Output
VOUT
RL = 10kΩ, AOL ≥ 114dB
(V–) + 0.2
(V+) – 0.2
V
RL = 2kΩ, AOL ≥ 110dB
(V–) + 0.6
(V+) – 0.6
V
Output Current
IOUT
See Figure 27
mA
Open-Loop Output
ZO
See Figure 28
Impedance
Short-Circuit Current
ISC
+55/–62
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
pF
POWER SUPPLY
Specified Voltage
VS
±2.25
±18
V
Quiescent Current
IQ
IOUT = 0A
3.6
4.5
mA
(per channel)
over Temperature(3)
5.5
mA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Thermal Resistance
θ JA
SO-8
150
°C/W
(3)
Specified by design and characterization.
4
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): OPA1611 OPA1612


Similar Part No. - OPA1612AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612AID TI-OPA1612AID Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1612AIDR TI-OPA1612AIDR Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1612AIDRGR TI-OPA1612AIDRGR Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1612AIDRGT TI-OPA1612AIDRGT Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
More results

Similar Description - OPA1612AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com