Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP120RHHT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP120RHHT
Description  DisplayPort 1:1 Dual-Mode Repeater
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP120RHHT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75DP120RHHT Datasheet HTML 7Page - Texas Instruments SN75DP120RHHT Datasheet HTML 8Page - Texas Instruments SN75DP120RHHT Datasheet HTML 9Page - Texas Instruments SN75DP120RHHT Datasheet HTML 10Page - Texas Instruments SN75DP120RHHT Datasheet HTML 11Page - Texas Instruments SN75DP120RHHT Datasheet HTML 12Page - Texas Instruments SN75DP120RHHT Datasheet HTML 13Page - Texas Instruments SN75DP120RHHT Datasheet HTML 14Page - Texas Instruments SN75DP120RHHT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
VCC
0V
SinkHotPlugDetect
Timeout
VDD
0V
Active
t T(HPD)
Standby
HPD _SRC
HPD_SINK
VCC
0V
tPD(CAD)
CAD _ SINK
CAD_ SRC
50%
50%
VCC
tPD(CAD)
0V
SN75DP120
www.ti.com
SLLSE08 – OCTOBER 2009
Figure 4. HPD Timing Diagram #2 (HPD_INV = L)
Figure 5. CAD Timing Diagram
DisplayPort Auxiliary Pins
The SN75DP120 is designed to monitor the bidirectional auxiliary signals in DP mode and participates in link
training. The SN75DP120 adjusts the output swing, output pre-emphasis, and the EQ setting of every main link
port. The SN75DP120 AUX monitor configures the output based on the DPCD addresses below.
The AUX channel is monitored for the Display Port D3 standby command. Upon detecting the D3 command, the
SN75DP120 will go into a low power standby state with the AUX activity monitor remaining active.
Table 3. DPCD Lookup Table
ADDRESS
NAME
DESCRIPTION
00100h
LINK_BW_SET
Main Link Bandwidth Setting
Bits 7:0 = link bandwidth setting
● 06h = 1.62Gbps per lane (default)
● 0Ah = 2.7Gbps per lane
Note: Setting the register value in register 0100h to anything else but 0Ah puts the device into
1.62Gbps mode.
00101h
LANE_COUNT_SET
Determines the number of lanes to be enabled
Bits 4:0 = lane count
● 1h = one lane
● 2h = two lanes
● 4h = four lanes
Note: Any other register value in register 0101h bit 4:0 is invalid and disables all OUTx lanes until
the register value is changed back to a valid entry. Default all lanes are disabled.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN75DP120


Similar Part No. - SN75DP120RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQR TI1-SN75DP122ARTQR Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQT TI1-SN75DP122ARTQT Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122RTQR TI1-SN75DP122RTQR Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results

Similar Description - SN75DP120RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP118 TI-SN75DP118_1 Datasheet
717Kb / 18P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP119 TI1-SN75DP119_14 Datasheet
1Mb / 28P
[Old version datasheet]   DisplayPort 1:1 Signal Repeater and Signal Conditioner
SN75DP119 TI1-SN75DP119 Datasheet
1Mb / 23P
[Old version datasheet]   DisplayPort 1:1 Signal Repeater and Signal Conditioner
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
   1 to 1 DisplayPort ReDriver
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
logo
IOGEAR
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
   DisplayPort 1.4 8K Repeater
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com