Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2037D1YFFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2037D1YFFT
Description  3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2037D1YFFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2037D1YFFT Datasheet HTML 6Page - Texas Instruments TPA2037D1YFFT Datasheet HTML 7Page - Texas Instruments TPA2037D1YFFT Datasheet HTML 8Page - Texas Instruments TPA2037D1YFFT Datasheet HTML 9Page - Texas Instruments TPA2037D1YFFT Datasheet HTML 10Page - Texas Instruments TPA2037D1YFFT Datasheet HTML 11Page - Texas Instruments TPA2037D1YFFT Datasheet HTML 12Page - Texas Instruments TPA2037D1YFFT Datasheet HTML 13Page - Texas Instruments TPA2037D1YFFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
(
)
C
I
I
1
f
2πR C
=
(
)
I
I C
1
C
2πR f
=
TPA2037D1
SLOS648 – OCTOBER 2009
www.ti.com
APPLICATION INFORMATION
SHORT CIRCUIT AUTO-RECOVERY
When a short-circuit event occurs, the TPA2037D1 goes to shutdown mode and activates the integrated
auto-recovery process whose aim is to return the device to normal operation once the short-circuit is removed.
This process repeatedly examines (once every 100ms) whether the short-circuit condition persists, and returns
the device to normal operation immediately after the short-circuit condition is removed. This feature helps protect
the device from large currents and maintain a good long-term reliability.
INTEGRATED IMAGE REJECT FILTER FOR DAC NOISE REJECTION
In applications which use a DAC to drive Class-D amplifiers, out-of-band noise energy present at the DAC's
image frequencies fold back into the audio-band at the output of the Class-D amplifier. An external low-pass filter
is often placed between the DAC and the Class-D amplifier in order to attenuate this noise.
The TPA2037D1 has an integrated Image Reject Filter with a low-pass cutoff frequency of 130 kHz, which
significantly attenuates this noise. Depending on the system noise specification, the integrated Image Reject
Filter may help eliminate external filtering, thereby saving board space and component cost.
COMPONENT SELECTION
Figure 28 shows the TPA2037D1 typical schematic with differential inputs, while Figure 29 shows the
TPA2037D1 with differential inputs and input capacitors. Figure 30 shows the TPA2037D1 with a single-ended
input.
Decoupling Capacitors (CS1, CS2)
The TPA2037D1 is a high-performance class-D audio amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor CS1 = 0.1μF ,
placed as close as possible to the device VDD lead works best. Placing CS1 close to the TPA2037D1 is important
for the efficiency of the class-D amplifier, because any resistance or inductance in the trace between the device
and the capacitor can cause a loss in efficiency. For filtering lower-frequency noise signals, a 10
μF or greater
capacitor (CS2) placed near the audio power amplifier would also help, but it is not required in most applications
because of the high PSRR of this device. Typically, the smaller the capacitor's case size, the lower the
inductance and the closer it can be placed to the TPA2037D1. X5R and X7R dielectric capacitors are
recommended for both CS1 and CS2.
Input Capacitors (CI)
The TPA2037D1 does not require input coupling capacitors if the design uses a differential source that is biased
within the common-mode input voltage range. That voltage range is listed in the Recommended Operating
Conditions table. If the input signal is not biased within the recommended common-mode input range, such as in
needing to use the input as a high pass filter, shown in Figure 29, or if using a single-ended source, shown in
Figure 30, input coupling capacitors are required. The same value capacitors should be used on both IN+ and
IN– for best pop performance. The 3-dB high-pass cutoff frequency fC of the filter formed by the input coupling
capacitor CI and the input resistance RI (typically 150 kΩ) of the TPA2037D1 is given by Equation 1:
(1)
The value of the input capacitor is important to consider as it directly affects the bass (low frequency)
performance of the circuit. Speaker response may also be taken into consideration when setting the corner
frequency using input capacitors. Solving for the input coupling capacitance, we get:
(2)
If the corner frequency is within the audio band, the capacitors should have a tolerance of ±10% or better,
because any mismatch in capacitance causes an impedance mismatch at the corner frequency and below.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) : TPA2037D1


Similar Part No. - TPA2037D1YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
More results

Similar Description - TPA2037D1YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
   3.2W MONO CLASS D AUDIO AMPLIFIER
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU82039 ETC2-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com