Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22932BYFPT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22932BYFPT
Description  LOW INPUT VOLTAGE ULTRA-LOW rON LOAD SWITCH WITH CONFIGURABLE ENABLE LOGIC AND CONTROLLED SLEW-RATE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22932BYFPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22932BYFPT Datasheet HTML 2Page - Texas Instruments TPS22932BYFPT Datasheet HTML 3Page - Texas Instruments TPS22932BYFPT Datasheet HTML 4Page - Texas Instruments TPS22932BYFPT Datasheet HTML 5Page - Texas Instruments TPS22932BYFPT Datasheet HTML 6Page - Texas Instruments TPS22932BYFPT Datasheet HTML 7Page - Texas Instruments TPS22932BYFPT Datasheet HTML 8Page - Texas Instruments TPS22932BYFPT Datasheet HTML 9Page - Texas Instruments TPS22932BYFPT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPS22932B
SLVS802A – AUGUST 2009 – REVISED NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
VIN = 1.1 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
TYP
PARAMETER
TEST CONDITIONS
TA
MIN
MAX
UNIT
(1)
VIN = 1.1 V
140
275
IIN
Quiescent current
IOUT = 0
VIN = 1.8 V
Full
280
500
nA
VIN = 3.6 V
860
920
VIN = 1.1 V
80
225
IIN(OFF)
OFF-state supply current
VON = GND, OUT = Open
VIN = 1.8 V
Full
125
300
nA
VIN = 3.6 V
340
650
VIN = 1.1 V
80
225
IIN(LEAKAGE)
OFF-state switch current
VON = GND, VOUT = 0
VIN = 1.8 V
Full
125
300
nA
VIN = 3.6 V
340
650
25°C
55
70
VIN = 3.6 V
Full
85
25°C
65
80
VIN = 2.5 V
Full
100
25°C
75
90
rON
ON-state resistance
IOUT = –200 mA
VIN = 1.8 V
m
Full
110
25°C
115
130
VIN = 1.2 V
Full
155
25°C
135
150
VIN = 1.1 V
Full
170
rPD
Output pulldown resistance
VIN = 3.3 V, VON = 0, IOUT = 30 mA
25°C
75
120
ON-state input leakage
ION
VON = 1.1 V to 3.6 V or GND
Full
1
μA
current
Control Inputs (ON1, ON2, ON3)
Input leakage current
VIN = 1.1 V to 3.6 V or GND
Full
1
μA
VON
Control input voltage
Full
3.6
V
VIN = 1.1 V to 1.8 V
0.5
0.8
Positive-going input voltage
VT+
Full
V
threshold
VIN = 1.8 V to 3.6 V
0.6
0.9
VIN = 1.1 V to 1.8 V
0.2
0.6
Negative-going input voltage
VT–
Full
V
threshold
VIN = 1.8 V to 3.6 V
0.3
0.7
ΔVT
Hysteresis (VT+ – VT–)
VIN = 1.1 V to 3.6 V
Full
0.2
0.6
V
(1)
Typical values are at the specified VIN and TA = 25°C.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22932B


Similar Part No. - TPS22932BYFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22930 TI1-TPS22930 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930A TI1-TPS22930A Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930AYZVR TI-TPS22930AYZVR Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22930AYZVR TI1-TPS22930AYZVR Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results

Similar Description - TPS22932BYFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
TPS22908 TI1-TPS22908 Datasheet
693Kb / 19P
[Old version datasheet]   Ultra Small, Low-Input Voltage, Low RON Load Switch
TPS22924D TI-TPS22924D Datasheet
921Kb / 18P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com