Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54318RTER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54318RTER
Description  2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54318RTER Datasheet(HTML) 2 Page - Texas Instruments

  TPS54318RTER Datasheet HTML 1Page - Texas Instruments TPS54318RTER Datasheet HTML 2Page - Texas Instruments TPS54318RTER Datasheet HTML 3Page - Texas Instruments TPS54318RTER Datasheet HTML 4Page - Texas Instruments TPS54318RTER Datasheet HTML 5Page - Texas Instruments TPS54318RTER Datasheet HTML 6Page - Texas Instruments TPS54318RTER Datasheet HTML 7Page - Texas Instruments TPS54318RTER Datasheet HTML 8Page - Texas Instruments TPS54318RTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TPS54318
SLVS975 – SEPTEMBER 2009 ......................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
TJ
PACKAGE
PART NUMBER (1)
TPS54318RTET
–40°C to 150°C
3 × 3 mm QFN
TPS54318RTER
(1)
The RTE package is only available taped and reeled. To order, add the suffix “R” to the end of the part
number for a reel of 3000, or add the suffix “T” to the end of the part number for a reel of 250 (e.g.,
TPS54318RTER).
ABSOLUTE MAXIMUM RATINGS
VALUE
UNIT
VIN
–0.3 to 7
V
EN
–0.3 to 7
BOOT
PH + 8
VSENSE
–0.3 to 3
Input voltage
COMP
–0.3 to 3
PWRGD
–0.3 to 7
SS
–0.3 to 3
RT/CLK
–0.3 to 6
BOOT-PH
8
V
Output voltage
PH
–0.6 to 7
PH 10 ns Transient
–2 to 7
EN
100
μA
Source current
RT/CLK
100
μA
COMP
100
μA
Sink current
PWRGD
10
mA
SS
100
μA
Electrostatic discharge (HBM)
2
kV
Electrostatic discharge (CDM)
500
V
Operating Junction temperature, TJ
–40 to 150
°C
Storage temperature, Tstg
–65 to 150
°C
PACKAGE DISSIPATION RATINGS
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
THERMAL IMPEDANCE
θJT THERMAL CHARACTERISTIC
PACKAGE
JUNCTION TO AMBIENT
JUNCTION TO TOP
RTE
37°C/W
1°C/W
(1)
Maximum power dissipation may be limited by overcurrent protection
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 150°C. This is the point where
distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or below
150°C for best performance and long-term reliability. See power dissipation estimate in application section of this data sheet for more
information.
(3)
Test boards conditions:
(a) 2 inches x 2 inches, 4 layers, thickness: 0.062 inch
(b) 2 oz. copper traces located on the top of the PCB
(c) 2 oz. copper ground planes on the 2 internal layers and bottom layer
(d) 4 thermal vias (10mil) located under the device package
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54318


Similar Part No. - TPS54318RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318RTER TI-TPS54318RTER Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54318RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
   2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TPS5432 TI1-TPS5432 Datasheet
1Mb / 28P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
   6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com