Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61086DRCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61086DRCR
Description  18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61086DRCR Datasheet(HTML) 1 Page - Texas Instruments

  TPS61086DRCR Datasheet HTML 1Page - Texas Instruments TPS61086DRCR Datasheet HTML 2Page - Texas Instruments TPS61086DRCR Datasheet HTML 3Page - Texas Instruments TPS61086DRCR Datasheet HTML 4Page - Texas Instruments TPS61086DRCR Datasheet HTML 5Page - Texas Instruments TPS61086DRCR Datasheet HTML 6Page - Texas Instruments TPS61086DRCR Datasheet HTML 7Page - Texas Instruments TPS61086DRCR Datasheet HTML 8Page - Texas Instruments TPS61086DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ActualSize
3mmx3mm
1
FEATURES
APPLICATIONS
DESCRIPTION
IN
EN
SW
FB
MODE
AGND
COMP
SS
1
4
6
8
3
7
2
5
PGND
9
10
SW
Cby
1 F
16V
m
Cin
10 F
16V
m
V
2.5Vto6V
IN
L
3.3 H
m
D
PMEG2010AEH
V
12V
S
R1
156kW
R2
18kW
Cout
2*10 F
25V
m
Rcomp
68kW
Ccomp
820pF
Css
100nF
TPS61086
TPS61086
www.ti.com ................................................................................................................................................................................................ SLVSA05 – AUGUST 2009
18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
• 2.3 V to 6.0 V Input Voltage Range
• Handheld Devices
• 18.5 V Boost Converter With 2.0 A Switch
Current
• GPS Receiver
• Digital Still Camera
• 1.2 MHz Switching Frequency
• Portable Applications
• Power Save Mode for improved Efficiency at
• DSL Modem
Low Output Power or Forced PWM
• PCMCIA Card
• Adjustable Soft-Start
• TFT LCD Bias Supply
• Thermal Shutdown
• Undervoltage Lockout
• 10-Pin QFN Package
The TPS61086 is a high frequency, high efficiency DC to DC converter with an integrated 2.0 A, 0.13
Ω power
switch capable of providing an output voltage up to 18.5 V. The implemented boost converter is based on a fixed
frequency of 1.2MHz, pulse-width-modulation (PWM) controller that allows the use of small external inductors
and capacitors and provides fast transient response.
At light load, the device can operate in Power Save Mode with pulse-frequency-modulation (PFM) to improve the
efficiency while keeping a low output voltage ripple. For very noise sensitive applications, the device can be
forced to PWM Mode operation over the entire load range by pulling the MODE pin high. The external
compensation allows optimizing the application for specific conditions. A capacitor connected to the soft-start pin
minimizes inrush current at startup.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61086DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61086 TI-TPS61086_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61086 18.5-V PFM ??PWM Step-Up DC ??DC Converter With 2.0-A Switch
More results

Similar Description - TPS61086DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61086 TI-TPS61086_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61086 18.5-V PFM ??PWM Step-Up DC ??DC Converter With 2.0-A Switch
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com