Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61086DRCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61086DRCT
Description  18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61086DRCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61086DRCT Datasheet HTML 2Page - Texas Instruments TPS61086DRCT Datasheet HTML 3Page - Texas Instruments TPS61086DRCT Datasheet HTML 4Page - Texas Instruments TPS61086DRCT Datasheet HTML 5Page - Texas Instruments TPS61086DRCT Datasheet HTML 6Page - Texas Instruments TPS61086DRCT Datasheet HTML 7Page - Texas Instruments TPS61086DRCT Datasheet HTML 8Page - Texas Instruments TPS61086DRCT Datasheet HTML 9Page - Texas Instruments TPS61086DRCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
V
10V/div
SW
V
50mV/div
S_AC
I
0.5 A/div
l
100µs/div
V
=3.3V,V =12V/4mA
IN
S
V
10V/div
SW
V
50mV/div
S_AC
I
0.5 A/div
l
100µs/div
V
=3.3V,V =12V/4mA
IN
S
V
10V/div
SW
V
50mV/div
S_AC
I
1 A/div
l
400ns/div
V
=3.3V
V =12V/300mA
IN
S
1.6
V
-Supplyvoltage-V
IN
L =3.3µH
1.4
1.2
1.0
0.8
0.4
0.6
0.2
0.0
3.5
6.0
V =9V
S
V =12V
S
V =18.5V
S
2.5
3.0
4.0
4.5
5.5
5.0
V =15V
S
TPS61086
SLVSA05 – AUGUST 2009 ................................................................................................................................................................................................ www.ti.com
PFM MODE - LIGHT LOAD
FORCED PWM MODE - LIGHT LOAD
Figure 5.
Figure 6.
OUTPUT CURRENT
vs
FORCED PWM / PFM MODE - HEAVY LOAD
SUPPLY VOLTAGE
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS61086


Similar Part No. - TPS61086DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61086 TI-TPS61086_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61086 18.5-V PFM ??PWM Step-Up DC ??DC Converter With 2.0-A Switch
More results

Similar Description - TPS61086DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61086 TI-TPS61086_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61086 18.5-V PFM ??PWM Step-Up DC ??DC Converter With 2.0-A Switch
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com