Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61086DRCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61086DRCT
Description  18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61086DRCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61086DRCT Datasheet HTML 6Page - Texas Instruments TPS61086DRCT Datasheet HTML 7Page - Texas Instruments TPS61086DRCT Datasheet HTML 8Page - Texas Instruments TPS61086DRCT Datasheet HTML 9Page - Texas Instruments TPS61086DRCT Datasheet HTML 10Page - Texas Instruments TPS61086DRCT Datasheet HTML 11Page - Texas Instruments TPS61086DRCT Datasheet HTML 12Page - Texas Instruments TPS61086DRCT Datasheet HTML 13Page - Texas Instruments TPS61086DRCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Design Procedure
1
IN
S
V
D
V
h
×
=
-
(1)
(
)
(max)
(min)
1
2
L
out
LIM
I
I
I
D
D
æ
ö
=
-
× -
ç
÷
è
ø
(2)
D
I
I
I
out
L
swpeak
-
+
D
=
1
2
(3)
IN
L
S
V
D
I
f
L
×
D
=
×
(4)
Soft-start
Inductor Selection
TPS61086
SLVSA05 – AUGUST 2009 ................................................................................................................................................................................................ www.ti.com
The first step in the design procedure is to verify that the maximum possible output current of the boost converter
supports the specific application requirements. A simple approach is to estimate the converter efficiency, by
taking the efficiency numbers from the provided efficiency curves or to use a worst case assumption for the
expected efficiency, e.g. 90%.
1. Duty cycle, D:
2. Maximum output current, Iout(max):
3. Peak switch current in application, Iswpeak:
with the inductor peak-to-peak ripple current,
ΔIL
and
VIN
Minimum input voltage
VS
Output voltage
ILIM(min)
Converter switch current limit (minimum switch current limit = 2.0 A)
fS
Converter switching frequency (typically 1.2 MHz)
L
Selected inductor value
η
Estimated converter efficiency (please use the number from the efficiency plots or 90% as an estimation)
The peak switch current is the steady state peak switch current that the integrated switch, inductor and external
Schottky diode has to be able to handle. The calculation must be done for the minimum input voltage where the
peak switch current is the highest.
The boost converter has an adjustable soft-start to prevent high inrush current during start-up. To minimize the
inrush current during start-up an external capacitor, connected to the soft-start pin SS and charged with a
constant current, is used to slowly ramp up the internal current limit of the boost converter. When the EN pin is
pulled high, the soft-start capacitor CSS is immediately charged to 0.3 V. The capacitor is then charged at a
constant current of 10
µA typically until the output of the boost converter V
S has reached its Power Good
threshold (90% of VS nominal value). During this time, the SS voltage directly controls the peak inductor current,
starting with 0 A at VSS = 0.3 V up to the full current limit at VSS ≈ 800 mV. The maximum load current is
available after the soft-start is completed. The larger the capacitor the slower the ramp of the current limit and the
longer the soft-start time. A 100 nF capacitor is usually sufficient for most of the applications. When the EN pin is
pulled low, the soft-start capacitor is discharged to ground.
The TPS61086 is designed to work with a wide range of inductors. The main parameter for the inductor selection
is the saturation current of the inductor which should be higher than the peak switch current as calculated in the
Design Procedure section with additional margin to cover for heavy load transients. An alternative, more
conservative, is to choose an inductor with a saturation current at least as high as the maximum switch current
limit of 3.2 A. The other important parameter is the inductor DC resistance. Usually the lower the DC resistance
the higher the efficiency. It is important to note that the inductor DC resistance is not the only parameter
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS61086


Similar Part No. - TPS61086DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61086 TI-TPS61086_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61086 18.5-V PFM ??PWM Step-Up DC ??DC Converter With 2.0-A Switch
More results

Similar Description - TPS61086DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61086 TI-TPS61086_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61086 18.5-V PFM ??PWM Step-Up DC ??DC Converter With 2.0-A Switch
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com