Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62650YFF Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62650YFF
Description  800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650YFF Datasheet(HTML) 1 Page - Texas Instruments

  TPS62650YFF Datasheet HTML 1Page - Texas Instruments TPS62650YFF Datasheet HTML 2Page - Texas Instruments TPS62650YFF Datasheet HTML 3Page - Texas Instruments TPS62650YFF Datasheet HTML 4Page - Texas Instruments TPS62650YFF Datasheet HTML 5Page - Texas Instruments TPS62650YFF Datasheet HTML 6Page - Texas Instruments TPS62650YFF Datasheet HTML 7Page - Texas Instruments TPS62650YFF Datasheet HTML 8Page - Texas Instruments TPS62650YFF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
CSP-9
1
FEATURES
DESCRIPTION
APPLICATIONS
FB
C2
4.7 F
m
L1
0.47 H
m
VIN
TPS62650
2.3V..5.5V
SW
GND
EN
VSEL
SDA
SCL
upto3.4Mbips
VO
C1
VI
VO =Roof
VO =Floor
I2C Bus
4.7 F
m
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IO
LoadCurrent
mA
0
V =3.6V
ForcedPWMOperation
I
V =4.2V
PFM/PWMOperation
I
V =3.6V
PFM/PWMOperation
I
V =2.7V
PFM/PWMOperation
I
VO =1.2V
TPS62650
TPS62651
www.ti.com................................................................................................................................................................................................. SLVS808 – AUGUST 2009
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
2
• 86% Efficiency at 6 MHz Operation
• 38µA Quiescent Current
The
TPS6265x
device
is
a
high-frequency
• Wide V
IN Range From 2.3 V to 5.5 V
synchronous step-down dc-dc converter optimized for
• 6MHz Regulated Frequency Operation
battery-powered portable applications. Intended for
low-power applications, the TPS6265x supports up to
• Best-In-Class Load and Line Transient
800mA load current and allows the use of small, low
• ±2% PWM DC Voltage Accuracy
cost inductors and capacitors.
• Automatic PFM/PWM Mode Switching
The device is ideal for mobile phones and similar
• Low Ripple Light-Load PFM
portable applications powered by a single-cell Li-Ion
• I2C Compatible Interface up to 3.4 Mbps
battery. With an output voltage range adjustable via
I2C interface down to 0.75V, the device supports
• Pin-Selectable Output Voltage (VSEL)
low-voltage
DSPs
and
processors
core
power
• Internal Soft-Start, <150-µs Start-Up Time
supplies in smart-phones and handheld computers.
• Current Overload and Thermal Shutdown
The TPS6265x operates at a
regulated
6MHz
Protection
switching
frequency
and
enters
the
efficiency
• Three Surface-Mount External Components
optimized power-save mode operation at light load
Required (One MLCC Inductor, Two Ceramic
currents to maintain high efficiency over the entire
Capacitors)
load current range. In the shutdown mode, the
current consumption is reduced to less than 3.5
µA.
• Complete Sub 1-mm Component Profile
Solution
The serial interface is compatible with Standard,
• Total Solution Size <13mm2
Fast/Fast
Plus
and
High-Speed
mode
I2C
specification allowing transfers at up to 3.4 Mbps.
• Available in a 9-Pin NanoFree™ (CSP)
This communication interface is used for dynamic
Packaging
voltage scaling with voltage steps down to 12.5mV,
for setting the output voltage or reprogramming the
mode of operation (PFM/PWM or Forced PWM) for
• SmartReflex™ Compliant Power Supply
instance.
• OMAP™ Application Processor Core Supply
The TPS6265x is available in an 9-pin chip-scale
• Cell Phones, Smart-Phones
package (CSP).
• Micro DC-DC Converter Modules
Figure 1. Typical Application
Figure 2. Efficiency vs Load Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree, SmartReflex, OMAP are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62650YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62650YFFR TI1-TPS62650YFFR Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62650YFFT TI1-TPS62650YFFT Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
More results

Similar Description - TPS62650YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com