Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPG01NBT-C0 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PPG01NBT-C0
Description  GREEN HIGH POWER LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PPG01NBT-C0 Datasheet(HTML) 1 Page - Unisonic Technologies

  PPG01NBT-C0 Datasheet HTML 1Page - Unisonic Technologies PPG01NBT-C0 Datasheet HTML 2Page - Unisonic Technologies PPG01NBT-C0 Datasheet HTML 3Page - Unisonic Technologies PPG01NBT-C0 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PPG01NBT-C0
LIGHT EMITTING DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R125-014.A
GREEN HIGH POWER LED
FEATURES
* Very long operating life
* Energy efficient
APPLICATIONS
* Automotive exterior and interior lighting
* Architectural lighting
* Electronic signs and signals
MECHANICAL DIMENSIONS
Note:Dimensions shown in mm


Similar Part No. - PPG01NBT-C0

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PPG01BBT-C0 UTC-PPG01BBT-C0 Datasheet
136Kb / 4P
   GREEN HIGH POWER LED
More results

Similar Description - PPG01NBT-C0

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMB1N-525V-02 ROITHNER-SMB1N-525V-02 Datasheet
712Kb / 4P
   green high power led
SMB1N-D520-02 ROITHNER-SMB1N-D520-02 Datasheet
689Kb / 4P
   green high power led
SMB1N-D520 ROITHNER-SMB1N-D520 Datasheet
1Mb / 4P
   Green High Power LED
logo
Unisonic Technologies
PPG01BBT-C0 UTC-PPG01BBT-C0 Datasheet
136Kb / 4P
   GREEN HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-525V ROITHNER-SMB1N-525V Datasheet
736Kb / 4P
   green high power led
SMB1N-515V ROITHNER-SMB1N-515V Datasheet
668Kb / 4P
   green high power led
SMB1N-515V-02 ROITHNER-SMB1N-515V-02 Datasheet
863Kb / 4P
   green high power led
logo
Luminus, Inc
SST-10-G LUMINUS-SST-10-G Datasheet
1Mb / 13P
   Green LED High Power Green LED with Peak Wavelength of 530nm
logo
List of Unclassifed Man...
SML-LX1610UPGCA ETC2-SML-LX1610UPGCA Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm GREEN LED.
logo
LUMEX INC.
SML-LX1610UPGC LUMEX-SML-LX1610UPGC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED, 525nm GREEN LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com