Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA8229 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UA8229
Description  LOW FREQUENCY POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA8229 Datasheet(HTML) 1 Page - Unisonic Technologies

  UA8229 Datasheet HTML 1Page - Unisonic Technologies UA8229 Datasheet HTML 2Page - Unisonic Technologies UA8229 Datasheet HTML 3Page - Unisonic Technologies UA8229 Datasheet HTML 4Page - Unisonic Technologies UA8229 Datasheet HTML 5Page - Unisonic Technologies UA8229 Datasheet HTML 6Page - Unisonic Technologies UA8229 Datasheet HTML 7Page - Unisonic Technologies UA8229 Datasheet HTML 8Page - Unisonic Technologies UA8229 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UA8229
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R107-033.C
LOW FREQUENCY POWER
AMPLIFIER
DESCRIPTION
The UTC UA8229 is a low frequency power amplifier and
developed for portable radio cassette tape recorder with power
ON/OFF switch.
The audio power IC has built-in two channels and thermal shut
down protection circuit.
FEATURES
* High Power
: POUT (1) = 2.5W (Typ.)
(VCC = 9V, RL = 4Ω, f = 1kHz, THD = 10%)
: POUT(2) = 4.6W (Typ.)
(VCC = 12V, RL = 4Ω, f = 1kHz, THD = 10%)
* Low Popping Noise at Power ON
* Small Quiescent Current
: IQ = 21mA (Typ.) (VCC = 15V, VIN = 0)
* Soft Clip
* Thermal Shut Down Protection
* Best for Supply Voltage 9V, 12V
* Operation Supply Voltage Range from 6V to 15V
HSIP-14B
HZIP-15A
*Pb-free plating product number: UA8229L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
UA8229-H14-B-T
UA8229L-H14-B-T
HSIP-14B
Tube
UA8229-J15-A-T
UA8229L-J15-A-T
HZIP-15A
Tube


Similar Part No. - UA8229

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UA8229 UTC-UA8229 Datasheet
269Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
UA8229-H14-B-T UTC-UA8229-H14-B-T Datasheet
269Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
UA8229-H14-B-T UTC-UA8229-H14-B-T Datasheet
269Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
UA8229-J15-A-T UTC-UA8229-J15-A-T Datasheet
269Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
UA8229-J15-A-T UTC-UA8229-J15-A-T Datasheet
269Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results

Similar Description - UA8229

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com