Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65720 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65720
Description  PMU for Bluetooth Headsets
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65720 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65720 Datasheet HTML 2Page - Texas Instruments TPS65720 Datasheet HTML 3Page - Texas Instruments TPS65720 Datasheet HTML 4Page - Texas Instruments TPS65720 Datasheet HTML 5Page - Texas Instruments TPS65720 Datasheet HTML 6Page - Texas Instruments TPS65720 Datasheet HTML 7Page - Texas Instruments TPS65720 Datasheet HTML 8Page - Texas Instruments TPS65720 Datasheet HTML 9Page - Texas Instruments TPS65720 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
TPS65720
TPS65721
SLVS979 – OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VSYS = 3.6V, VDCDC1 = 2.05V, PFM mode, L = 3.3μH, COUTDCDC1 = 4.7μF, VINLDO1=2.05V, VLDO1=1.85V, TA = –40°C to 85°C
typical values apply in a temperature range of 10°C to 35°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
VBSUP1
Enter battery supplement mode
VBAT
V
–40mV
VOUT
VBSUP2
Exit battery supplement mode
VBAT
V
–20mV
VO(SC1)
Output short-circuit detection threshold, power-on
0.8
0.9
1
V
Output short-circuit detection threshold, supplement
VO(SC2)
mode
200
250
300
mV
VBAT – VOUT > VO(SC2) indicates short-circuit
tDGL(SC2)
Deglitch time, supplement mode short circuit
250
μs
tREC(SC2)
Recovery time, supplement mode short circuit
60
ms
BATTERY CHARGER
QUIESCENT CURRENT
VIN = 5V; ACinputcurrent[1,0]=11
60
80
μA
IIACSTDBY)
Standby current into AC pin
VIN = 28V; ACinputcurrent[1,0]=11
530
μA
VIN = 5V, no load on DCDC1, LDO1, SYS pin, VSYS[1,0]=11;
ICC
Active supply current, AC pin
2
mA
ACinputcurrent[1,0]=10; CH_EN=0
IBAT(SC)
Source current for BAT pin short-circuit detection
4
7.5
11
mA
VBAT(SC)
BAT pin short-circuit detection threshold
1.6
1.8
2.0
V
–1%
4.15
1%
–1%
4.175
1%
–1%
4.20
1%
–1%
4.225
1%
Depending on setting in CHGCONFIG3 And internal EEPROM
Vo(BATREG)
Battery charger voltage
V
Default = 4.2V
–1%
4.25
1%
–1%
4.275
1%
–1%
4.30
1%
–1%
4.325
1%
VLOWV
Pre-charge to fast-charge transition threshold
2.9
3.0
3.1
V
Deglitch time on pre-charge to fast-charge
tDGL1(LOWV)
25
ms
transition
Deglitch time on fast-charge to pre-charge
tDGL2(LOWV)
25
ms
transition
Maximum battery fast charge current
300
mA
VBAT(REG) > VBAT > VLOWV, VIN = VAC or VUSB = 5V
Minimum battery fast charge current
10
mA
ICHG
VBAT > VLOWV, VIN = 5V, IIN-MAX > ICHG, No load on SYS pin,
Battery fast charge current set factor
KISET/ RISET
A
thermal loop not active, DPPM loop not active
at 300mA for ICH_SCL[1,0]=11 (charge current scaling is
–15%
450
15%
100% of ISET value)
at 40mA for ICH_SCL[1,0]=11 (charge current scaling is 100%
–20%
450
20%
of ISET value)
at 225mA range for ICH_SCL[1,0]=10 (charge current scaling
–15%
338
15%
is 75% of ISET value)
at 30mA for ICH_SCL[1,0]=10 (charge current scaling is 75%
–20%
338
20%
of ISET value)
KISET
Fast charge current factor
A
at 150mA for ICH_SCL[1,0]=01 (charge current scaling is 50%
–10%
225
10%
of ISET value)
at 20mA for ICH_SCL[1,0]=01 (charge current scaling is 50%
–15%
225
15%
of ISET value)
at 75mA for ICH_SCL[1,0]=00 (charge current scaling is 25%
–10%
112
10%
of ISET value)
at 10mA for ICH_SCL[1,0]=00 (charge current scaling is 25%
–20%
112
20%
of ISET value)
for I_PRE[1,0]=11 (pre-charge current scaling is 20% of charge
0.15×ICHG
0.2×ICHG
0.25×ICHG
current)
for I_PRE[1,0]=10 (pre-charge current scaling is 15% of charge
0.11×ICHG
0.15×ICHG
0.19×ICHG
current)
IPRECHG
Pre-charge current
for I_PRE[1,0]=01 (pre-charge current scaling is 10% of charge
0.07×ICHG
0.1×ICHG
0.13×ICHG
current)
for I_PRE[1,0]=00 (pre-charge current scaling is 5% of charge
0.03×ICHG
0.05×ICHG
0.08×ICHG
current)
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65720 TPS65721


Similar Part No. - TPS65720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65720 TI1-TPS65720 Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
TPS657201 TI1-TPS657201 Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
TPS657201YFFR TI1-TPS657201YFFR Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
TPS657201YFFT TI1-TPS657201YFFT Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
TPS657202 TI1-TPS657202 Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
More results

Similar Description - TPS65720

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL38090 MICROSEMI-ZL38090 Datasheet
2Mb / 64P
   Designed for USB Headsets and Microphones
Revision 2.0
logo
Texas Instruments
BQ25010 TI-BQ25010 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
logo
Renesas Technology Corp
DA1469X RENESAS-DA1469X Datasheet
8Mb / 757P
   Multi-Core Bluetooth® 5.2 SoC Family with System PMU
22-Apr-2022
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Texas Instruments
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
logo
Kyocera Kinseki Corpota...
CX-4025S KSS-CX-4025S Datasheet
176Kb / 1P
   For Bluetooth
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
   PMU for Portable Applications
logo
Maxim Integrated Produc...
MAX9895A MAXIM-MAX9895A Datasheet
1Mb / 22P
   Active Noise-Cancelling Solution for Stereo Headsets
19-4478; Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com