Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS658620 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS658620
Description  Advanced Power Management Unit
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS658620 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS658620 Datasheet HTML 3Page - Texas Instruments TPS658620 Datasheet HTML 4Page - Texas Instruments TPS658620 Datasheet HTML 5Page - Texas Instruments TPS658620 Datasheet HTML 6Page - Texas Instruments TPS658620 Datasheet HTML 7Page - Texas Instruments TPS658620 Datasheet HTML 8Page - Texas Instruments TPS658620 Datasheet HTML 9Page - Texas Instruments TPS658620 Datasheet HTML 10Page - Texas Instruments TPS658620 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
TPS658620
Advanced Power Management Unit
www.ti.com
SLVS993 – OCTOBER 2009
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL SUPPLY DETECTION AND STATUS
VLOWSYS
Minimum system voltage detection threshold
System voltage V(SYS) decreasing.
3.0
V
Total accuracy, referenced to V(LOWSYS)TYP
-2
2
%
VHYS(LOWSYS)
Minimum system voltage detection hysteresis
V(SYS) increasing from decreasing trigger point
200
mV
TDGL(LOWSYS)
Minimum system voltage detection deglitch
V(SYS) decreasing
5
ms
time
VIN(DT)
Input voltage detection threshold. Input voltage AC detected when V(AC)–V(BAT) > VIN(DT) AND V(AC) > VACMIN
180
mV
increasing, referenced to battery voltage
USB detected when V(USB)–V(BAT) > VIN(DT)
VIN(NDT)
Input voltage removal threshold. Input voltage
AC not detected when V(AC)–V(BAT) < VIN(NDT)
65
mV
decreasing, referenced to battery voltage
USB not detected when V(USB)–V(BAT)< VIN(NDT)
VACMIN
AC detection threshold, relative to GND
AC voltage decreasing , AC not detected when V(AC) < VACMIN
3.5
V
Hysteresis, AC voltage increasing
200
mV
TDGLAC(DT)
AC Power detected deglitch
AC voltage increasing
22.5
ms
TDGLUSB(DT)
USB Power detected deglitch
USB voltage increasing
5.5
ms
VIN(OVP)
Input over voltage detection
5.8
6.0
6.3
V
TDLY(INOVP)
Input over voltage detection delay
Rising AC or USB voltage
100
µs
ANALOG COMPARATOR
VCOMPDET
Voltage threshold
Enabled at sleep mode not set
1.21
1.245
1.28
V
IQCDET
Bias current
Always On
5
µA
TP
Propagation time
V(COMP):0
→1.5V→0, measured from input to NOPOWER:HI→LO
50
µs
Submit Documentation Feedback
Electrical Specifications
7


Similar Part No. - TPS658620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI1-TPS658621A Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR TI-TPS658621AZGUR Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR TI-TPS658621AZGUR Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
More results

Similar Description - TPS658620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com