Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68EC000FU8 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC68EC000FU8
Description  Addendum to M68000 User Manual
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68EC000FU8 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC68EC000FU8 Datasheet HTML 7Page - Motorola, Inc MC68EC000FU8 Datasheet HTML 8Page - Motorola, Inc MC68EC000FU8 Datasheet HTML 9Page - Motorola, Inc MC68EC000FU8 Datasheet HTML 10Page - Motorola, Inc MC68EC000FU8 Datasheet HTML 11Page - Motorola, Inc MC68EC000FU8 Datasheet HTML 12Page - Motorola, Inc MC68EC000FU8 Datasheet HTML 13Page - Motorola, Inc MC68EC000FU8 Datasheet HTML 14Page - Motorola, Inc MC68EC000FU8 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
M68000 USER’S MANUAL ADDENDUM
MOTOROLA
6.0 MC68SEC000 AC ELECTRICAL SPECIFICATIONS — CLOCK
TIMING (See Figure 2)
Add the following table and Figure 8 to Section 10.9 on page 10-9.
Applies to 3.3V and 5V.
Figure 8. MC68SEC000 Clock Input Timing Diagram
10MHz
16MHz
20MHz
NUM.
CHARACTERISTIC
SYMBOL
MIN
MAX
min
max
min
max
UNIT
Frequency of Operation
f
0
10.0
0
16.7
0
20.0
MHz
1
Cycle time
tcyc
100
60
50
ns
2,3
Clock Pulse Width
tCL
tCH
45
45
27
27
21
21
ns
4,5
Clock Rise and Fall Times
tCr
tCf
10
10
5
5
4
4
ns
0.8 V
2.0 V
4
5
1
2
3
NOTE: Timing measurements are referenced to and from a low voltage of 0.8 V and a
high voltage of 2.0 V, unless otherwise noted. The voltage swing through this
range should start outside and pass through the range such that the rise or
fall will be linear between 0.8 V and 2.0 V.


Similar Part No. - MC68EC000FU8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EC000 MOTOROLA-MC68EC000 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
MC68EC000 MOTOROLA-MC68EC000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
Freescale Semiconductor...
MC68EC000 FREESCALE-MC68EC000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68EC000D MOTOROLA-MC68EC000D Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
More results

Similar Description - MC68EC000FU8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com