Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8050T Datasheet(PDF) 6 Page - Sanken electric

Part # SI-8050T
Description  DC/DC Step-Down Converter IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8050T Datasheet(HTML) 6 Page - Sanken electric

Back Button SI-8050T Datasheet HTML 2Page - Sanken electric SI-8050T Datasheet HTML 3Page - Sanken electric SI-8050T Datasheet HTML 4Page - Sanken electric SI-8050T Datasheet HTML 5Page - Sanken electric SI-8050T Datasheet HTML 6Page - Sanken electric SI-8050T Datasheet HTML 7Page - Sanken electric SI-8050T Datasheet HTML 8Page - Sanken electric SI-8050T Datasheet HTML 9Page - Sanken electric SI-8050T Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DC/DC Step-Down Converter IC
SI-8000TM Series
September 2005
Sanken Electric Co.,Ltd.
I02-001EA-050910
4-2 Power Dissipation
Note1:As the efficiency varies subject to the input voltage and output current, it shall be obtained
from the efficiency curve in page 4 and substituted in percent.
Note2:Thermal design for Di shall be made separately.
⎟⎟
⎜⎜
⎟⎟
⎜⎜
=
IN
O
O
F
x
O
O
D
V
V
I
V
I
V
P
1
1
100
η
VO: Output voltage
VIN: Input voltage
IO: Output current
ηx
: Efficiency(%)
VF: Diode forward
voltage
SFPB66・・0.5V
(IO=1.5A)
copper area
Glass‐epoxy board mounting in 30×30 ㎜
SI-8000TM Series Power Dissipation
Tjmax=125℃
Ambient Temperature Ta [℃]
copper area
copper area
copper area
copper area
copper area
6/15


Similar Part No. - SI-8050T

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8050TFE SANKEN-SI-8050TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8050TFE SANKEN-SI-8050TFE Datasheet
52Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Similar Description - SI-8050T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
   Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com