Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8120T Datasheet(PDF) 9 Page - Sanken electric

Part # SI-8120T
Description  DC/DC Step-Down Converter IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8120T Datasheet(HTML) 9 Page - Sanken electric

Back Button SI-8120T Datasheet HTML 5Page - Sanken electric SI-8120T Datasheet HTML 6Page - Sanken electric SI-8120T Datasheet HTML 7Page - Sanken electric SI-8120T Datasheet HTML 8Page - Sanken electric SI-8120T Datasheet HTML 9Page - Sanken electric SI-8120T Datasheet HTML 10Page - Sanken electric SI-8120T Datasheet HTML 11Page - Sanken electric SI-8120T Datasheet HTML 12Page - Sanken electric SI-8120T Datasheet HTML 13Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DC/DC Step-Down Converter IC
SI-8000TM Series
September 2005
Sanken Electric Co.,Ltd.
I02-001EA-050910
6-1 Standard circuit diagram
VIN
1
GND
GN
D
2
4
5
3
GND
SS
IN
SW
ADJ
C1
220uF
C2
470uF
L 47uH
Di
VO
SI-8008TM
R1
R2
IADJ
C3
Diode Di
The shottky-barrier diode must be used for Di. If other diodes like fast recovery diodes are used, IC
may be destroyed because of the reverse voltage applied by the recovery voltage or ON voltage.
Choke coil L1
If the winding resistance of the choke coil is too high, the efficiency may go down to the extent that
it is out of the rating.
As the overcurrent protection start current is approx. 2.5A, attention must be paid to the heating of
the choke coil by the magnetic saturation due to overload or short-circulated load.
Capacitor C1,C2,C3
As large ripple currents flow across C1 and C2, capacitors with high frequency and low impedance
for SMPS must be used. Especially when the impedance of C2 is high, the switching waveform may
not be normal at low temperature. Please use neither OS capacitor nor tantalum capacitor which
causes an abnormal oscillation for the C2.
C3 is a capacitor for soft start. In case soft start function is not used, please keep No.5 terminal open.
A pull-up resistor is provided inside the IC.
Resister R1,R2
R1,R2 is resistor to the Output Voltage. IADJ set to become 1mA. Moreover, R1,R2 is calculated
by the following expression.
In order to have optimum operating condition, each component must be laid out with the minimum
distance.
C1:220μF
C2:470μF
C3:1μF
(If soft start function is used)
L1:47μH
Di:SFPB66
(Made by Sanken)
(
) ()()
()
Ω
×
=
=
Ω
×
=
=
k
I
V
R
V
I
V
V
R
ADJ
ADJ
OUT
ADJ
ADJ
OUT
8
.
0
10
1
8
.
0
2
10
1
8
.
0
1
3
3
9/15


Similar Part No. - SI-8120T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-81206Z ETC1-SI-81206Z Datasheet
394Kb / 3P
   SI-80000Z
logo
Sanken electric
SI-8120E SANKEN-SI-8120E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
logo
Allegro MicroSystems
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8120JD SANKEN-SI-8120JD Datasheet
442Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
More results

Similar Description - SI-8120T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
   Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com